Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5045TR Datasheet(PDF) 19 Page - ams AG

Part # AS5045TR
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045TR Datasheet(HTML) 19 Page - ams AG

Back Button AS5045TR Datasheet HTML 15Page - ams AG AS5045TR Datasheet HTML 16Page - ams AG AS5045TR Datasheet HTML 17Page - ams AG AS5045TR Datasheet HTML 18Page - ams AG AS5045TR Datasheet HTML 19Page - ams AG AS5045TR Datasheet HTML 20Page - ams AG AS5045TR Datasheet HTML 21Page - ams AG AS5045TR Datasheet HTML 22Page - ams AG AS5045TR Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 19 of 24
12 Simulation Modeling
Figure 20: Arrangement of Hall sensor array on chip (principle)
With reference to Figure 20, a diametrically magnetized
permanent magnet is placed above or below the surface
of the AS5045. The chip uses an array of Hall sensors to
sample the vertical vector of a magnetic field distributed
across the device package surface. The area of magnetic
sensitivity is a circular locus of 1.1mm radius with
respect to the center of the die. The Hall sensors in the
area of magnetic sensitivity are grouped and configured
such that orthogonally related components of the
magnetic fields are sampled differentially.
The differential signal Y1-Y2 will give a sine vector of
the magnetic field. The differential signal X1-X2 will give
an orthogonally related cosine vector of the magnetic
field.
The angular displacement (
Θ) of the magnetic source
with reference to the Hall sensor array may then be
modelled by:
()
()
°
±
−
−
=
Θ
5
.
0
2
1
2
1
arctan
X
X
Y
Y
The
±0.5° angular error assumes a magnet optimally
aligned over the center of the die and is a result of gain
mismatch errors of the AS5045. Placement tolerances of
the die within the package are
±0.235mm in X and Y
direction, using a reference point of the edge of pin #1
(see Figure 20)
In order to neglect the influence of external disturbing
magnetic fields, a robust differential sampling and
ratiometric calculation algorithm has been implemented.
The differential sampling of the sine and cosine vectors
removes any common mode error due to DC components
introduced by the magnetic source itself or external
disturbing magnetic fields. A ratiometric division of the
sine and cosine vectors removes the need for an
accurate absolute magnitude of the magnetic field and
thus accurate Z-axis alignment of the magnetic source.
The recommended differential input range of the
magnetic field strength (B(X1-X2), B(Y1-Y2)) is
±75mT at the
surface of the die. In addition to this range, an additional
offset of
±5mT, caused by unwanted external stray fields
is allowed.
The chip will continue to operate, but with degraded
output linearity, if the signal field strength is outside the
recommended range. Too strong magnetic fields will
introduce errors due to saturation effects in the internal
preamplifiers. Too weak magnetic fields will introduce
errors due to noise becoming more dominant.
13 Failure Diagnostics
The AS5045 also offers several diagnostic and failure
detection features:
13.1
Magnetic Field Strength Diagnosis
By software: the MagINC and MagDEC status bits will
both be high when the magnetic field is out of range.
By hardware: Pins #1 (MagINCn) and #2 (MagDECn) are
open-drain outputs and will both be turned on (= low with
external pull-up resistor) when the magnetic field is out
of range. If only one of the outputs are low, the magnet is
either moving towards the chip (MagINCn) or away from
the chip (MagDECn).
13.2
Power Supply Failure Detection
By software: If the power supply to the AS5045 is
interrupted, the digital data read by the SSI will be all
“0”s. Data is only valid, when bit OCF is high, hence a
data stream with all “0”s is invalid. To ensure adequate
low levels in the failure case, a pull-down resistor
(~10k
Ω) should be added between pin DO and VSS at
the receiving side
By hardware: The MagINCn and MagDECn pins are
open drain outputs and require external pull-up resistors.
In normal operation, these pins are high ohmic and the
outputs are high (see Table 5). In a failure case, either
when the magnetic field is out of range of the power
supply is missing, these outputs will become low. To
ensure adequate low levels in case of a broken power
supply to the AS5045, the pull-up resistors (~10k
Ω) from
AS5045 die
1
Radius of circular Hall sensor
array: 1.1mm radius
Center of die
2.433 mm
±0.235mm
3.9 mm
±0.235mm
X1
Y1
X2
Y2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com