Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5045TR Datasheet(PDF) 18 Page - ams AG

Part # AS5045TR
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045TR Datasheet(HTML) 18 Page - ams AG

Back Button AS5045TR Datasheet HTML 14Page - ams AG AS5045TR Datasheet HTML 15Page - ams AG AS5045TR Datasheet HTML 16Page - ams AG AS5045TR Datasheet HTML 17Page - ams AG AS5045TR Datasheet HTML 18Page - ams AG AS5045TR Datasheet HTML 19Page - ams AG AS5045TR Datasheet HTML 20Page - ams AG AS5045TR Datasheet HTML 21Page - ams AG AS5045TR Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 18 of 24
11 Choosing the Proper Magnet
Typically the magnet should be 6mm in diameter and
≥2.5mm in height. Magnetic materials such as rare earth
AlNiCo/SmCo5 or NdFeB are recommended.
The magnetic field strength perpendicular to the die
surface has to be in the range of ±45mT…±75mT (peak).
The magnet’s field strength should be verified using a
gauss-meter. The magnetic field Bv at a given distance,
along a concentric circle with a radius of 1.1mm (R1),
should be in the range of ±45mT…±75mT. (see Figure
17).
Magnet axis
Vertical field
component
(45…75mT)
0
360
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N
Figure 17: Typical magnet (6x3mm) and magnetic field distribution
11.1
Physical Placement of the Magnet
The best linearity can be achieved by placing the center
of the magnet exactly over the defined center of the chip
as shown in the drawing below:
1
Defined
center
2.433 mm
2.433 mm
3.9 mm
3.9 mm
Area of recommended maximum
magnet misalignment
Rd
Figure 18: Defined chip center and magnet displacement radius
Magnet Placement
The magnet’s center axis should be aligned within a
displacement radius Rd of 0.25mm from the defined
center of the IC.
The magnet may be placed below or above the device.
The distance should be chosen such that the magnetic
field on the die surface is within the specified limits (see
Figure 17). The typical distance “z” between the magnet
and the package surface is 0.5mm to 1.5mm, provided
the use of the recommended magnet material and
dimensions (6mm x 3mm). Larger distances are possible,
as long as the required magnetic field strength stays
within the defined limits.
However, a magnetic field outside the specified range
may still produce usable results, but the out-of-range
condition will be indicated by MagINCn (pin 1) and
MagDECn (pin 2), see Table 1.
1.282mm ± 0.15mm
0.576mm ± 0.1mm
z
S
N
Package surface
Die surface
Figure 19: Vertical placement of the magnet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com