Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2 Datasheet(PDF) 84 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 84 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 80Page - Altera Corporation MAX2 Datasheet HTML 81Page - Altera Corporation MAX2 Datasheet HTML 82Page - Altera Corporation MAX2 Datasheet HTML 83Page - Altera Corporation MAX2 Datasheet HTML 84Page - Altera Corporation MAX2 Datasheet HTML 85Page - Altera Corporation MAX2 Datasheet HTML 86Page - Altera Corporation MAX2 Datasheet HTML 87Page - Altera Corporation MAX2 Datasheet HTML 88Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 297 page
background image
5–12
Chapter 5: DC and Switching Characteristics
Timing Model and Specifications
MAX II Device Handbook
© August 2009
Altera Corporation
Table 5–17 through Table 5–20 show the adder delays for t
ZX and tXZ microparameters
when using an I/O standard other than 3.3-V LVTTL with 16 mA drive strength.
Table 5–16. IOE Internal Timing Microparameters
Symbol
Parameter
MAX II / MAX IIG
MAX IIZ
Unit
–3 Speed
Grade
–4 Speed
Grade
–5 Speed
Grade
–6 Speed
Grade
–7 Speed
Grade
–8 Speed
Grade
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
FAS TIO
Data output delay
from adjacent LE
to I/O block
—
159
—
207
—
254
—
170
—
348
—
428
ps
t
IN
I/O input pad and
buffer delay
—
708
—
920
—
1,132
—
907
—
970
—
986
ps
t
GLOB (1)
I/O input pad and
buffer delay used
as global signal pin
—
1,519
—
1,974
—
2,430
—
2,261
—
2,670
—
3,322
ps
t
IOE
Internally
generated output
enable delay
—
354
—
374
—
460
—
530
—
966
—
1,410
ps
t
DL
Input routing delay
—
224
—
291
—
358
—
318
—
410
—
509
ps
t
OD (2)
Output delay buffer
and pad delay
—
1,064
—
1,383
—
1,702
—
1,319
—
1,526
—
1,543
ps
t
XZ (3)
Output buffer
disable delay
—
756
—
982
—
1,209
—
1,045
—
1,264
—
1,276
ps
t
ZX (4)
Output buffer
enable delay
—
1,003
—
1,303
—
1,604
—
1,160
—
1,325
—
1,353
ps
Notes to Table 5–16:
(1) Delay numbers for tGLOB differ for each device density and speed grade. The delay numbers for tGLOB, shown in Table 5–16, are based on an EPM240
device target.
(2) Refer to Table 5–32 and 5–24 for delay adders associated with different I/O standards, drive strengths, and slew rates.
(3) Refer to Table 5–19 and 5–14 for tXZ delay adders associated with different I/O standards, drive strengths, and slew rates.
(4) Refer to Table 5–17 and 5–13 for tZX delay adders associated with different I/O standards, drive strengths, and slew rates.
Table 5–17. tZX IOE Microparameter Adders for Fast Slew Rate
(Part 1 of 2)
Standard
MAX II / MAX IIG
MAX IIZ
Unit
–3 Speed
Grade
–4 Speed
Grade
–5 Speed
Grade
–6 Speed
Grade
–7 Speed
Grade
–8 Speed
Grade
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
3.3-V LVTTL
16 mA
—
0
—
0
—
0
—
0
—
0
—
0
ps
8 mA
—28
—
37
—45
—
72
—
71
—
74
ps
3.3-V LVCMOS
8 mA
—
0
—
0
—
0
—0
—0
—0
ps
4 mA
—28
—
37
—45
—
72
—
71
—
74
ps
2.5-V LVTTL /
LVCMOS
14 mA
—14
—
19
—23
—
75
—
87
—
90
ps
7 mA
—
314
—
409
—
503
—
162
—
174
—
177
ps
1.8-V LVTTL /
LVCMOS
6 mA
—
450
—
585
—
720
—
279
—
289
—
291
ps
3 mA
—
1,443
—
1,876
—
2,309
—
499
—
508
—
512
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com