Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2 Datasheet(PDF) 39 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 39 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 35Page - Altera Corporation MAX2 Datasheet HTML 36Page - Altera Corporation MAX2 Datasheet HTML 37Page - Altera Corporation MAX2 Datasheet HTML 38Page - Altera Corporation MAX2 Datasheet HTML 39Page - Altera Corporation MAX2 Datasheet HTML 40Page - Altera Corporation MAX2 Datasheet HTML 41Page - Altera Corporation MAX2 Datasheet HTML 42Page - Altera Corporation MAX2 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 297 page
background image
Chapter 2: MAX II Architecture
2–17
Global Signals
© October 2008
Altera Corporation
MAX II Device Handbook
The global clock network drives to individual LAB column signals, LAB column
clocks [3..0], that span an entire LAB column from the top to the bottom of the device.
Unused global clocks or control signals in a LAB column are turned off at the LAB
column clock buffers shown in Figure 2–14. The LAB column clocks [3..0] are
multiplexed down to two LAB clock signals and one LAB clear signal. Other control
signal types route from the global clock network into the LAB local interconnect. See
“LAB Control Signals” on page 2–5 for more information.
Figure 2–13. Global Clock Generation
Note to Figure 2–13
:
(1) Any I/O pin can use a MultiTrack interconnect to route as a logic array-generated global clock signal.
4
4
GCLK0
Global Clock
Network
GCLK1
GCLK2
GCLK3
Logic Array(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com