Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2 Datasheet(PDF) 30 Page - Altera Corporation

Part # MAX2
Description  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX2 Datasheet(HTML) 30 Page - Altera Corporation

Back Button MAX2 Datasheet HTML 26Page - Altera Corporation MAX2 Datasheet HTML 27Page - Altera Corporation MAX2 Datasheet HTML 28Page - Altera Corporation MAX2 Datasheet HTML 29Page - Altera Corporation MAX2 Datasheet HTML 30Page - Altera Corporation MAX2 Datasheet HTML 31Page - Altera Corporation MAX2 Datasheet HTML 32Page - Altera Corporation MAX2 Datasheet HTML 33Page - Altera Corporation MAX2 Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 297 page
background image
2–8
Chapter 2: MAX II Architecture
Logic Elements
MAX II Device Handbook
© October 2008
Altera Corporation
LUT Chain and Register Chain
In addition to the three general routing outputs, the LEs within an LAB have LUT
chain and register chain outputs. LUT chain connections allow LUTs within the same
LAB to cascade together for wide input functions. Register chain outputs allow
registers within the same LAB to cascade together. The register chain output allows an
LAB to use LUTs for a single combinational function and the registers to be used for
an unrelated shift register implementation. These resources speed up connections
between LABs while saving local interconnect resources. Refer to “MultiTrack
Interconnect” on page 2–12 for more information about LUT chain and register chain
connections.
addnsub Signal
The LE’s dynamic adder/subtractor feature saves logic resources by using one set of
LEs to implement both an adder and a subtractor. This feature is controlled by the
LAB-wide control signal addnsub. The addnsub signal sets the LAB to perform either
A + B or A – B. The LUT computes addition; subtraction is computed by adding the
two’s complement of the intended subtractor. The LAB-wide signal converts to two’s
complement by inverting the B bits within the LAB and setting carry-in to 1, which
adds one to the least significant bit (LSB). The LSB of an adder/subtractor must be
placed in the first LE of the LAB, where the LAB-wide addnsub signal automatically
sets the carry-in to 1. The Quartus II Compiler automatically places and uses the
adder/subtractor feature when using adder/subtractor parameterized functions.
LE Operating Modes
The MAX II LE can operate in one of the following modes:
■
“Normal Mode”
■
“Dynamic Arithmetic Mode”
Each mode uses LE resources differently. In each mode, eight available inputs to the
LE, the four data inputs from the LAB local interconnect, carry-in0 and carry-
in1
from the previous LE, the LAB carry-in from the previous carry-chain LAB, and
the register chain connection are directed to different destinations to implement the
desired logic function. LAB-wide signals provide clock, asynchronous clear,
asynchronous preset/load, synchronous clear, synchronous load, and clock enable
control for the register. These LAB-wide signals are available in all LE modes. The
addnsub control signal is allowed in arithmetic mode.
The Quartus II software, in conjunction with parameterized functions such as library
of parameterized modules (LPM) functions, automatically chooses the appropriate
mode for common functions such as counters, adders, subtractors, and arithmetic
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com