Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CC-AS Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 2Page - Omron Electronics LLC H7CC-AS Datasheet HTML 3Page - Omron Electronics LLC H7CC-AS Datasheet HTML 4Page - Omron Electronics LLC H7CC-AS Datasheet HTML 5Page - Omron Electronics LLC H7CC-AS Datasheet HTML 6Page - Omron Electronics LLC H7CC-AS Datasheet HTML 7Page - Omron Electronics LLC H7CC-AS Datasheet HTML 8Page - Omron Electronics LLC H7CC-AS Datasheet HTML 9Page - Omron Electronics LLC H7CC-AS Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
H7CC-A
@
6
Tachometer Function Ratings
* An input OFF time of at least 20 ms is required.
Characteristics
* Refer to the Life-test Curve.
Life-test Curve (Reference Values)
Model
Item
H7CC-A8
@
H7CC-A11
@
H7CC-A
@
H7CC-AW
@/AU@
Input mode
No
tachometer
functionality
Selectable from 1 inputs, independent measurements for 2 inputs, differential input for 2 inputs, absolute ratio for 2 inputs,
and error ratio for 2 inputs.
Pulse measurement
method
Periodic measurement
Pulse width measurement
Maximum counting
speed
30 Hz
(minimum pulse width: 16.7 ms)
1-input mode:
10 kHz (minimum pulse width: 0.05 ms)
Other modes:
5 kHz (minimum pulse width: 0.1 ms)
30 Hz
(minimum pulse width: 16.7 ms)
1-input mode:
10 kHz (minimum pulse width: 0.05 ms)
Other modes:
5 kHz (minimum pulse width: 0.1 ms)
Minimum input
signal width
---
---
30 ms
*
1-input mode: 0.2 ms
Other modes: 0.4 ms*
Measuring ranges
0.001 to 30.00 Hz
1-input mode: 0.001 to 10 kHz,
Other modes: 0.01 to 5 kHz
0.030 to 999999 s
1-input mode: 0.0002 to 999999 s
Other modes: 0.0004 to 999999 s
Sampling period
200 ms min.
200 ms min. or continuous
selectable (minimum interval of
10 ms)
Continuous (minimum interval of 10 ms)
Measuring accuracy
±0.1% FS ±1 digit max. (at 23 ±5°C)
Output mode
Input mode:
Not 2-input independent measurement: HI-LO, AREA, HI-HI, LO-LO
2-input independent measurement: HI-HI, LO-LO
Auto-zero time
0.1 to 999.9s
Startup time
0.0 to 99.9s
Averaging
Simple averaging/moving averaging selectable, Processing: OFF, 2, 4, 8, or 16 times
Hold input
Minimum input signal width: 20 ms
Insulation resistance
100 M
Ω min. (at 500 VDC) between current-carrying terminals and exposed non-current-carrying metal parts,
and between non-continuous contacts
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and non-current-carrying metal parts
2,000 VAC, 50/60 Hz for 1 min between power supply and input circuit for all models except H7CC-
@D@ (1,500 VAC
for 24 VAC/12 to 48 VDC)
1,500 VAC (for H7CC-
@SD@), 50/60 Hz for 1 min between control output, power supply, and input circuit (2,000 VAC
for models other than H7CC-
@SD@)
1,000 VAC, 50/60 Hz for 1 min between non-continuous contacts
Impulse withstand voltage
6.0 kV between power terminals (1.0 kV for models with 24 VAC/12 to 48 VDC)
6.0 kV between current-carrying terminals and exposed non-current-carrying metal parts (1.5 kV for models with 24
VAC/12 to 48 VDC)
Static immunity
Malfunction: 8 kV
Destruction: 15 kV
Vibration resistance
Destruction
10 to 55 Hz with 0.75-mm single amplitude each in three directions for 2 h each
Malfunction
10 to 55 Hz with 0.35-mm single amplitude each in three directions for 10 min each
Shock resistance
Destruction
300 m/s2 each in three directions
Malfunction
100 m/s2 each in three directions
Life expectancy
Mechanical: 10,000,000 operations min.
Electrical: 100,000 operations min. (3 A at 250 VAC, resistive load, ambient temperature condition: 23
°C) *
Weight
Approx. 120 g (Counter only)
Resistive load
Inductive load
1,000
700
500
300
100
70
50
Load current (A)
01
2
3
4
30 VDC (cos
φ=1)
250 VAC (cos
φ=1)
1,000
700
500
300
100
70
50
01
2
3
4
30 VDC (L/R=7 ms)
Load current (A)
250 VAC (cos
φ=1)
A current of 0.15 A max. can be switched at 125
VDC (cos
φ=1) and current of 0.1 A max. can be
switched if L/R=7 ms. In both cases, a life of 100,000
operations can be expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com