Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CC-AS Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 8Page - Omron Electronics LLC H7CC-AS Datasheet HTML 9Page - Omron Electronics LLC H7CC-AS Datasheet HTML 10Page - Omron Electronics LLC H7CC-AS Datasheet HTML 11Page - Omron Electronics LLC H7CC-AS Datasheet HTML 12Page - Omron Electronics LLC H7CC-AS Datasheet HTML 13Page - Omron Electronics LLC H7CC-AS Datasheet HTML 14Page - Omron Electronics LLC H7CC-AS Datasheet HTML 15Page - Omron Electronics LLC H7CC-AS Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
H7CC-A
@
12
Dimensions with Front Connecting Socket
* These dimensions depend on the kind of DIN track and Sockets. (Reference value.)
Accessories (Order Separately)
Protecting the Counter/Tachometer in Environments
Subject to Oil
The panel surface of the H7CC-A/-R is water-resistant (conforming to
IP66). To protect the internal circuits from water penetration through
the space between the H7CC and operating panel, waterproof
packing is included. Attach the Y92F-30 Adapter with sufficient
pressure with the reinforcing screws so that water does not penetrate
the panel.
The Waterproof Packing will deteriorate, harden, and shrink
depending on the application environment. To ensure maintaining the
IP
@6 waterproof level, periodically replace the Waterproof Packing.
The periodic replacement time will depend on the application
environment. You must confirm the proper replacement time. Use 1
year or less as a guideline. If the Waterproof Packing is not replaced
periodically, the waterproof level will not be maintained. It is not
necessary to mount the Waterproof Packing if waterproof
construction is not required.
P2CF-8(-E)/P2CF-11(-E)
Front Connecting Socket (order separately)
100.9
103.2
*
H7CC-A11
@/A8@
The H7CC's panel surface is water-resistive (conforming to IP
@6)
and so even if drops of water penetrate the gaps between the keys,
there will be no adverse effect on internal circuits. If, however, there
is a possibility of oil being present on the operator's hands, use the
Soft Cover. The Soft Cover ensures protection equivalent to IP54F
against oil. Do not, however, use the H7CC in locations where it
would come in direct contact with oil.
Note: Depending on the operating environment, the condition
of resin products may deteriorate, and may shrink or
become harder. Therefore, it is recommended that resin
products are replaced regularly.
Soft Cover
Y92A-48F1
Hard Cover
Y92A-48
Waterproof Packing
Y92S-P6
Note: The Waterproof Packing is included
with models with screw terminals.
Order the Waterproof Packing separately if it
is lost or damaged. The Waterproof Packing
can be used to achieve IP66 protection.
0.5 to 1 mm
It is recommended that the space
between the screw head and the
Adapter be 0.5 to 1 mm.
Flush Mounting Adapter
Y92F-30
Order the Flush Mounting Adapter with the
following model number separately if it is
lost or damaged.
Note: The Waterproof Packing is included
with models with screw terminals.
69.6 to 77.6
87
76
4.7
72
u 72
67
u 67
Fixture (provided)
Panel (1 to 8 mm)
72
u 72
48
u 48
77.3
2.2
4.7
Y92F-45
<H7CC Mounting Example>
Note: 1. The adapter is black in color.
2. The Y92F-45 can be used in combination with the Y92F-30
Adapter provided with the Counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com