Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CC-AS Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 4Page - Omron Electronics LLC H7CC-AS Datasheet HTML 5Page - Omron Electronics LLC H7CC-AS Datasheet HTML 6Page - Omron Electronics LLC H7CC-AS Datasheet HTML 7Page - Omron Electronics LLC H7CC-AS Datasheet HTML 8Page - Omron Electronics LLC H7CC-AS Datasheet HTML 9Page - Omron Electronics LLC H7CC-AS Datasheet HTML 10Page - Omron Electronics LLC H7CC-AS Datasheet HTML 11Page - Omron Electronics LLC H7CC-AS Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
H7CC-A
@
8
Connections
Terminal Arrangement
Confirm that the power supply meets specifications before use.
Transistor Output
• The transistor output of the H7CC is isolated from the internal
circuitry by a photocoupler, so the transistor output can be used as
both NPN and PNP output.
• The diode connected to the collector of the output transistor is used
to absorb inverted voltage that is generated when an inductive load
is connected to the H7CC.
H7CC-A11/-A11D
H7CC-A11S/-A11SD
H7CC-A8/-A8D
1-stage Contact Output
1-stage Transistor Output
1-stage Contact Output
H7CC-A/H7CC-AD
H7CC-AS/-ASD
1-stage Contact Output
1-stage Transistor Output
H7CC-AW/-AWD/-AU/-AUD
H7CC-AWS/-AWSD
2-stage Contact Output
2-stage Transistor Output
6
7
8
9
10
11
1
2
3
4
5
Reset
CP1
CP2
OUT
Total Reset
0 V
Internal
circuit
12 DCV
External
power supply
(-)
(-)
(+)
(+)
Sensor
6
7
8
9
10
11
1
2
3
4
5
OUT
Reset
CP1
CP2
Total Reset
0 V
Internal
circuit
12 DCV
(-)
(-)
(+)
(+)
Sensor
External
power supply
1
8
7
6
5
4
3
2
OUT
0 V
Internal
circuit
(-)
(+)
OUT
0 V
12 VDC
External
power supply
(-)
(-)
(+)
(+)
Sensor
6789
10
11
12345
OUT
0 V
12 VDC
External
power supply
(-)
(-)
(+)
(+)
Sensor
6789
10
11
12345
12
13
OUT1
OUT2
12
13
*1: H7CC-AU
*2: OUT1 and OUT2 are
switchable by allocation change
*1
*2
*2
6789
10
11
0 V
12345
Sensor
12 VDC
External
power supply
(-)
(-)
(+)
(+)
12
13
OUT1
OUT2
*2: OUT1 and OUT2 are
switchable by allocation change
*1
*2
*2
6789
10
11
0 V
12345
Sensor
12 VDC
External
power supply
(-)
(-)
(+)
(+)
Power for load
+
Load
Power for load
+
Load
NPN Output
PNP Output
Power for load
+
Counter
Inductive
load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com