Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-RF23 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MS-RF23
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MS-RF23 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MS-RF23 Datasheet HTML 1Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 2Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 3Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 4Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 5Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 6Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 7Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 8Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1
The
CX-400 series incorporates an acrylic that
strongly resists oils and coolant fluids, and a
polycarbonate indicator cover that strongly
resists ethanol. The
CX-400 series is also
characterized by strong resistance to noise,
reciprocal interference and cold environments.
The lens material is made of a
strong acrylic that resists the
harmful effects of coolants.
These sensors can be used
with confidence even around
metal processing machine
that disperse oil mists. The
protection mechanism also
conforms to IP67 (IEC).
A strong, ethanol resistant
polycarbonate was used for the
front and display covers.
Safe even for installing near
food processing machinery
that disperses ethanol based
detergents. The protection
mechanism also conforms to
IP67 (IEC).
The global standard CX-400 series
Sensors that are environmentally and
user friendly.
The various lineup covers through the inclusion of a newly developed custom integrated circuit.
The
CX-400 series achieves a significantly higher reliability in the same package than previous
models.
Demonstrating stable detection,
even in harsh environments
Resistant to oil and coolant liquids CX-41□/42□/49□
Strongly ethanol resistant CX-44□/48□
Strong
Includes an analog CMOS
processor ASIC
Providing stable detection with low power consumption
Test Oil
JIS Standard
Product Name
Lubricant
-
Velocity Oil No. 3
Water-insoluble
cutting oil
2-5
Daphnecut AS-30D
2-11
Yushiron Oil No.2ac (Note)
Water-soluble
cutting oil
W1-1
Yushiron Lubic HWC68 (Note)
W2-1
Yushiroken S50N (Note)
1,000 hours; Immersion (depth 0 m); Insulation resistance 20 MΩ/250 V
Note: Yushiron and Yushiroken are registered trademarks of
Yushiro Chemical Industry Co., Ltd.
Caution: Set the
CX-48□ so that cleaning
liquid will not get on to the attached reflector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com