Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-RF23 Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # MS-RF23
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MS-RF23 Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button MS-RF23 Datasheet HTML 16Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 17Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 18Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 19Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 20Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 21Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 22Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 23Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 24Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
20
Material: Stainless steel (SUS304)
Two M3 (length 12 mm 0.472 in) screws with washers are attached.
t 1.2
t 0.047
20.5
0.807
3.5
0.138
3.4
0.134
3.4
0.134
10°
R25
R0.984
5
0.197
3.4
0.134
10°
5
0.197
15
0.591
14
0.551
8
0.315
3.4
0.134
6
0.236
8.5
0.335
6
0.236
30 1.181
35
1.378
25
0.984
18
0.709
R25
R0.984
Assembly dimensions
Mounting drawing with the
receiver of
CX-41□
13.6
0.535
3.4
0.134
8
0.315
14
0.551
6
0.236
9 0.354
8.5
0.335
18
0.709
Beam axis
0.5
0.020
3.5
0.138
4.8
0.189
t 1.2
t 0.047
0.3
0.012
10°
25.2
0.992
11.2
0.441
6 0.236
31
1.220
30
1.181
25.4
1.000
35
1.378
( )
20
0.787
Assembly dimensions
Material: Stainless steel (SUS304)
Two M3 (length 12 mm 0.472 in) screws with washers are attached.
12.5 0.492
t1.2
t 0.047
13
0.512
ø25
ø0.984
16
0.630
10
0.394
3.5
0.138
3.2
0.126
R7.5
R0.295
25
0.984
46
1.811
20°
23
0.906
50
1.969
5.5
0.217
ø36
ø1.417
30°
46
1.811 25
0.984
13
0.512
10
0.394
20°
50
1.969
ø36
ø1.417
30°
23
0.906
5.5
0.217
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from the website.
Assembly dimensions
Material: Cold rolled carbon steel (SPCC) (Uni-chrome plated)
Two M3 (length 8 mm 0.315 in) screws with washers are attached.
4.5
0.177
10
0.394
11
0.433
25
0.984
35
1.378
4
0.157
16 0.630
10 0.394
6 0.236
8 0.315
44
1.732
20
0.787
t1.6
t 0.063
8-M3×0.5 0.020
thru-hole threads
25
0.984
4.5
0.177
25
0.984
10
0.394
28.3
1.114
8.3
0.327
34.3
1.350
8 0.315
4
0.157
21
0.827
35.3
1.390
44.3
1.744
6
0.236
27
1.063
t 1.6
t 0.063
19.3
0.760
( )
( )
MS-CX-3
Sensor mounting bracket (Optional)
MS-RF21-1
Reflector mounting bracket for RF-210 (Optional)
MS-RF22
Reflector mounting bracket for RF-220 (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com