Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-RF23 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # MS-RF23
Description  Amplifier Built-in Compact Photoelectric Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MS-RF23 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button MS-RF23 Datasheet HTML 9Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 10Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 11Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 12Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 13Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 14Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 15Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 16Page - Panasonic Semiconductor MS-RF23 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
12
SPECIFICATIONS
Type
Thru-beam
Retroreflective
Diffuse reflective
Long sensing range Withpolarizingfilters Longsensingrange For transparent object sensing
Narrow-view
NPN output
CX-411 CX-412 CX-413 CX-491 CX-493 CX-481 CX-483 CX-482 CX-424 CX-421 CX-422 CX-423
Item
PNP output
CX-411-P CX-412-P CX-413-P CX-491-P CX-493-P CX-481-P CX-483-P CX-482-P CX-424-P CX-421-P CX-422-P CX-423-P
Applicable CE marking directive
EMC Directive, RoHS Directive
Sensing range
10 m
32.808 ft
15 m
49.213 ft
30m
98.425 ft
3 m 9.843 ft
(Note 2)
5 m 16.404 ft
(Note 2)
50 to 500 mm
1.969to19.685in(Note2)
50 to 1,000mm
1.969to39.37in(Note2)
0.1 to 2 m
0.328to6.562ft(Note2)
100 mm
3.937 in (Note 3)
300 mm
11.811 in (Note 3)
800 mm
31.496 in (Note 3)
70 to 300 mm
2.756to11.811in(Note3)
Sensing object
ø12 mm ø0.472 in
or more opaque object (Note 4)
ø50 mm ø1.969 in
or more opaque,
translucent or
specular object
(Note 2, 5)
ø50 mm ø1.969 in
or more opaque or
translucent object
(Note 2, 5)
ø50 mm ø1.969 in or more
transparent, translucent or
opaque object (Note 2, 5)
Opaque, translucent or
transparent object (Note 5)
Opaque,translucent
ortransparent
object(Note5)
(
)
Min.sensingobject:ø0.5mm
ø0.020incopperwire
Hysteresis
15 % or less of operation distance (Note 3)
Repeatability (perpendicular to sensing axis)
0.5 mm 0.020 in or less
1 mm 0.039 in or less
0.5mm0.020inorless
Supply voltage
12 to 24 V DC ±10 % Ripple P-P 10 % or less
Current consumption
Emitter:15mAorless
Receiver:10mAorless
Emitter:20mAorless
Receiver:10mAorless
Emitter:25mAorless
Receiver:10mAorless
13 mA
or less
10 mA or less
13 mA or less
15 mA or less
Output
<NPN output type>
NPN open-collector transistor
• Maximum sink current: 100 mA
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 2 V or less (at 100 mA sink current)
1 V or less (at 16 mA sink current)
<PNP output type>
PNP open-collector transistor
• Maximum source current: 100 mA
• Applied voltage: 30 V DC or less (between output and +V)
• Residual voltage: 2 V or less (at 100 mA source current)
1 V or less (at 16 mA source current)
Output operation
Switchable either Light-ON or Dark-ON
Short-circuit protection
Incorporated
Response time
1 ms or less
2 ms or less
1 ms or less
Operation indicator
Orange LED (lights up when the output is ON)(incorporated on the receiver for thru-beam type)
Stability indicator
Green LED (lights up under stable light received condition or stable dark condition)(incorporated on the receiver for thru-beam type)
Power indicator
Green LED (lights up when the power
is ON) (incorporated on the emitter)
Sensitivity adjuster
Continuously variable adjuster (incorporated on the receiver for thru-beam type)
Automatic interference
prevention function
Twounitsofsensors
canbemountedclose
togetherwithinterference
preventionfilters.(Sensing
range:5m16.404ft)
Incorporated (Two units of sensors can be mounted close together.)
Protection
IP67 (IEC)
Ambient temperature
-25 to +55 °C -13 to +131 °F (No dew condensation or icing allowed), Storage: -30 to +70 °C -22 to +158 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Ambient illuminance
Incandescent light: 3,000 ℓx at the light-receiving face
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure
Insulation resistance
20 MΩ, or more, with 250 V DC megger between all supply terminals connected together and enclosure
Vibration resistance
10 to 500 Hz frequency, 1.5 mm 0.059 in double amplitude (10 G max.) in X, Y and Z directions for two hours each
Shock resistance
500 m/s2 acceleration (50 G approx.) in X, Y and Z directions three times each
Emitting element (modulated) Red LED
Infrared LED
Red LED
Infrared LED
Infrared LED
Red LED
Peak emission wavelength 680 nm 0.027 mil 870 nm 0.034 mil 850 nm 0.033 mil 680 nm 0.027 mil 650 nm 0.026 mil
870 nm 0.034 mil
860 nm 0.033 mil
645 nm 0.025 mil
Material
Enclosure: PBT (Polybutylene terephthalate), Lens: Acrylic (
CX-48□: Polycarbonate), Indicator cover: Acrylic (CX-48□: Polycarbonate)
Cable
0.2 mm2 3-core (thru-beam type emitter: 2-core) cabtyre cable, 2 m 6.562 ft long
Cable extension
Extension up to total 100 m 328.084 ft is possible with 0.3 mm2, or more, cable (thru-beam type: both emitter and receiver)
Weight
Net
Emitter: 45 g approx., Receiver: 50 g approx.
50 g approx.
Gross
100 g approx.
80 g approx.
60 g approx.
Accessories
RF-230 (Reflector): 1 pc.
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) The sensing range and the sensing object of the retroreflective type sensor are specified for the
RF-230 reflector. The sensing range represents the
actual sensing range of the sensor. The sensing range: A of the table below may vary depending on the shape of sensing object. Be sure to check the
operation with the actual sensing object.
Setting range
of the reflector: B
Sensing
object
Sensing
range: A
Sensor
Reflector
CX-491□
CX-493□
CX-481□
CX-483□
CX-482□
A
0 to 3 m
0 to 9.843 ft
0 to 5 m
0 to 16.404 ft
50 to 500 mm
1.969 to 19.685 in
50 to 1,000 mm
1.969 to 39.37 in
0.1 to 2 m
0.328 to 6.562 ft
B
0.1 to 3 m
0.328 to 9.843 ft
0.1 to 5 m
0.328 to 16.404 ft
100 to 500 mm
3.937 to 19.685 in
100 to 1,000 mm
3.937 to 39.37 in
0.8 to 2 m
2.625 to 6.562 ft
3) The sensing range and hysteresis of the diffuse reflective type sensor are specified for white non-glossy paper (200 × 200 mm 7.874 × 7.874 in) as the object.
4) If slit masks (optional) are fitted, an object of ø0.5 mm ø0.020 in (using round slit mask) can be detected.
5) Make sure to confirm detection with an actual sensor before use.
Standard type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com