Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTV07R Datasheet(PDF) 26 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 26 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 22Page - Amphenol Corporation CTV07R Datasheet HTML 23Page - Amphenol Corporation CTV07R Datasheet HTML 24Page - Amphenol Corporation CTV07R Datasheet HTML 25Page - Amphenol Corporation CTV07R Datasheet HTML 26Page - Amphenol Corporation CTV07R Datasheet HTML 27Page - Amphenol Corporation CTV07R Datasheet HTML 28Page - Amphenol Corporation CTV07R Datasheet HTML 29Page - Amphenol Corporation CTV07R Datasheet HTML 30Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
24
TVS07Y (D38999/23) – hermetic, metal
jam nut receptacle
† Red band indicates fully mated
★ . 059 dia min.
1.5 dia min.
Formed lockwire hole design (6 holes) is optional.
3 lockwire holes
MS
B Thread
H
Shell
A•
Class 2A
D1
D2
Hex
T•
KK
Shell
Size
+.000
0.1P-0.3L-TS
C
+.010
+.000
+.017
L
S
+.010
+.011
Size
Code
–.010
(Plated)
Max
–.000
–.010
–.016
Max
±.010
–.000
–.000
9
A
.669
.6250
1.199
.700
.670
.875
.357
1.062
.697
.642
11
B
.769
.7500
1.386
.825
.770
1.000
.357
1.250
.822
.766
13
C
.955
.8750
1.511
1.010
.955
1.188
.357
1.375
1.007
.892
15
D
1.084
1.0000
1.636
1.135
1.085
1.312
.357
1.500
1.134
1.018
17
E
1.208
1.1875
1.761
1.260
1.210
1.438
.357
1.625
1.259
1.142
19
F
1.333
1.2500
1.949
1.385
1.335
1.562
.381
1.182
1.384
1.268
21
G
1.459
1.3750
2.073
1.510
1.460
1.688
.381
1.938
1.507
1.392
23
H
1.575
1.5000
2.199
1.635
1.585
1.812
.381
2.062
1.634
1.518
25
J
1.709
1.6250
2.323
1.760
1.710
2.000
.381
2.188
1.759
1.642
MS
A•
D1
D2
H Hex
T•
KK
Shell
Shell Size
+.00
C
+.25
+.00
+.43
L
S
+.25
+.28
Size
Code
–.25
Max
–.00
–.25
–.41
Max
±.25
–.00
–.00
9
A
16.99
30.45
17.78
17.02
22.23
9.07
26.97
17.70
16.31
11
B
19.53
35.20
20.96
19.59
25.40
9.07
31.75
20.88
19.46
13
C
24.26
38.38
25.65
24.26
30.18
9.07
34.93
25.58
22.66
15
D
27.53
41.55
28.83
27.56
33.32
9.07
38.10
28.80
25.86
17
E
30.68
44.73
32.01
30.73
36.53
9.07
41.28
31.98
29.01
19
F
33.86
49.50
35.18
33.91
39.67
9.68
46.02
35.15
32.21
21
G
37.06
52.65
38.35
37.08
42.80
9.68
49.23
38.28
35.36
23
H
40.01
55.85
41.53
40.26
46.02
9.68
52.37
41.50
38.56
25
J
43.41
59.00
44.70
43.43
50.80
9.68
55.58
44.68
41.71
Millimeters
Inches
All dimensions for reference only
• D shaped panel cut-out dimensions
Part number reference.
See how to order, pages 43, 44
to complete.
TVS07Y-XX-XXX
TVS07YN-XX-XXX
D38999/23
C
T •
H
S
2 PLACES
K REF
.200 MAX
5.08 MAX
KK
RED
BAND †
B THREAD
A •
L
PANEL THICKNESS
.062 MIN .125 MAX
1.57 MIN 3.18 MAX
SHELL SIZES 9/11 – .871 22.12
SHELL SIZES 13/25 – .878 22.30
PANEL HOLE
DIMENSIONS
JAM NUT
D-HOLE
MOUNTING
D 1
D 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com