| Electronic Components Datasheet Search |
|
CTV07R Datasheet(PDF) 29 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R Datasheet(HTML) 29 Page - Amphenol Corporation |
|
29 / 54 page ![]() 27 TV Breakaway Fail Safe Connectors quick-disconnect with an axial pull of lanyard Amphenol Tri-Start Breakaway Fail Safe Con- nectors provide unequalled performance in environments requiring instant disengage- ment. Designed to provide quick disconnect of a connector plug and receptacle with an axial pull on the lanyard, the “Breakaway” Fail Safe connector family offers a wide range of electrical and mechanical features: • Instant decoupling and damage free separation • Completely intermateable with standard receptacles (D38999/20 and /24) • Inventory support commonality through the use of standard insert arrangements and contacts Breakaway un-mating is initiated by applying a pull force to the lanyard which causes the oper- ating sleeve on the plug to move away from the receptacle. Coupling segments on the plug then move away from the mating receptacle while expanding, thus releasing the receptacle. After completion of the un-mating sequence, spring compression returns the sleeve and segments to their original positions. Un-mating of the plug may also be accomplished by normal rotation of the coupling ring without affecting the breakaway capability. The Tri-Start Breakaway Fail Safe connector features which provide EMI/EMP shielding in excess of MIL-DTL-38999 Series III requirements: • Solid metal-to-metal coupling • EMI grounding fingers • Conductive finishes Amphenol Breakaway Fail Safe connectors are qualified to MIL-DTL-38999/ 29, /30 and /31 (for MIL-STD-1760 Stores Management applications). In fact, Amphenol offers more qualified Breakaway shell size and insert combina- tions than any other QPL supplier. In addition to standard Breakaway connectors, Amphenol also manufactures custom breakaway connectors including those with: • Highly durable non-metallic operating sleeves in a variety of lengths and diameters • Increased pull-force capability • Low-profile designs • Custom lanyard lengths and backshells • Low force separation capabilities • Low insertion/separation force contacts • Non-cadmium finishes Whether you need a standard Breakaway, one of our custom Breakaways or, a unique Breakaway design, please contact your local Amphenol representative. Contact Amphenol Aerospace for more information on breakaway, quick- disconnect connectors. Other Amphenol cylindrical families (MIL-DTL-38999 Series I & II, MIL-C-26482, MIL-C-83723) also offer breakaway quick-disconnect connectors. Breakaway with Coax Contacts Special configuration Fail Safe used on space telescope application. Lanyard is replaced by a swivel ring for remote disconnect and “wing arms” have been added for manual actuation accessibility by gloved astronauts. Amphenol offers a variety of lanyard plug styles including MIL-STD-1760 types 1, 2 and 6 for Stores Management applications. TYPE 2 TYPE 6 TYPE 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |