| Electronic Components Datasheet Search |
|
CTV07R Datasheet(PDF) 51 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R Datasheet(HTML) 51 Page - Amphenol Corporation |
|
51 / 54 page ![]() 49 Tri-Start – specials coax, twinax and triax contacts, ground plane connectors, press fit connectors Amphenol MIL-DTL-38999 Series III connectors are the most commonly used connectors for incorporation of shielded contacts along with traditional crimp contacts and also with contacts for data bus, LAN and coax/triax/twinax transmission lines with conductive inserts that ground the outer conductor of the coax, triax, twinax contact to the shell. These connectors are sold “less contacts”. They will accommodate size 8 coax, triax or twinax contacts or size 12 and 16 coax contacts. The insert availability chart on pages 6 and 7 indicates the patterns that are available in a ground plane version, (see those designated with a star symbol), and consult how to order pages for ordering procedures. CONNECTORS WITH SHIELDED COAX CONTACTS For shielded wire applications, coaxial contacts can be incorporated into MIL-DTL-38999 connectors. Designed-in crimp or solder types are available to fit various RG and special cables. High performance coaxial contacts eliminate discontinuities or impedance variations due to movement of parts under axial load. Concentric Twinax Contacts Qualified to M39029/90 and /91 CONNECTORS WITH CONCENTRIC TWINAX CONTACTS The size 8 concentric twinax contact was developed for use in MIL-STD-1553 Airborne multiplex data bus applications which require high performance interconnect characteristics in multi-pin connectors. Ideal for this applica- tion need is the high performance Tri-Start connector with its fully scoop-proof feature of recessed pins. The concentric twinax contact is crimp terminable to twisted-shielded cable. SHIELDED TRIAX CONTACTS Triax contacts have three conductors and are offered in sizes 8, 10 and 12. They provide additional shielding when terminated to triax cable having solid or stranded center conduc- tors. Each of the three conductors of the triax contact is separated by dielectric insulation to isolate ground planes and to improve shielding effectiveness. High speed data transmission quadrax contacts are now available for use in MIL-DTL- 38999 connectors. PRESS FIT CONNECTORS Tri-Start connectors are also designed for the application of solderless mounting to printed circuit boards. The Press Fit connector perfor- mances are compatible with Series III Ground Plane Connector with Twinax Contacts and Insulated Power/Signal Contacts MIL-DTL-38999 Series III Connectors with Compliant Pin Contacts for Solderless Mount- ing on Printed Circuit Boards Consult the following Amphenol literature for further information: Product Data Sheet 139 for Ground Plane Connectors. Product Data Sheet 188 for Press Fit Connectors. Catalog 12-130 for High Frequency Contacts for Multi- pin Connectors. 38999 Series III Connector with Twinax Contacts and Standard Contacts Shielded Coax Contacts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |