Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button QL Datasheet HTML 13Page - Panasonic Semiconductor QL Datasheet HTML 14Page - Panasonic Semiconductor QL Datasheet HTML 15Page - Panasonic Semiconductor QL Datasheet HTML 16Page - Panasonic Semiconductor QL Datasheet HTML 17Page - Panasonic Semiconductor QL Datasheet HTML 18Page - Panasonic Semiconductor QL Datasheet HTML 19Page - Panasonic Semiconductor QL Datasheet HTML 20Page - Panasonic Semiconductor QL Datasheet HTML 21Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
79
Limit switches
Product name
SL limit switches
UL recognized
File No.
Approved ratings
File No.
Approved ratings
File No.
Approved ratings
E122222
4A 250V AC
LR55880
4A 250V AC
–
–
HL limit
switches
ML limit
switches
Dies-cast case standard load type
E122222
E122222
5A 250V AC
Pilot duty B300
LR55880
E122222
(C-UL)
5A 250V AC
Pilot duty B300
J9650514
J9650515
J9551204
DC-12 1A 30V-
Die-cast case low level load type
(includes connector type)
0.1A 30V DC
0.1A 30V DC
DC-12 0.1A 30V-
Plastic case standard load type
5A 250V AC
Pilot duty B300
5A 250V AC
Pilot duty B300
AC-15 2A 250V~
DC-12 1A 30V-
Plastic case low level load type
0.1A 30V DC
0.1A 30V DC
DC-12 0.1A 30V-
Standard type
10A 250V AC
10A 250V AC
AC-15 2A 250V~
–––
Epoxy-sealed terminal type
–
–
–
–––
With lamp
–
–
–
QL limit switches
E122222
LR55880
–
5A 250V AC
5A 250V AC
–
VL limit
switches
Standard type
E122222
E122222
(C-UL)
J9551203
5A 250V AC
Pilot duty B300
5A 250V AC
Pilot duty B300
E122222
E122222
(C-UL)
6A 380V AC
Pilot duty A300
6A 380V AC
Pilot duty A300
AC-15 2A 250V~
With neon lamp
––
DL limit switches
J9551205
AC-15 2A 250V~
E99838
E43149
–
E43149
(C-UL)
E43149
(C-UL)
10A 1/2HP 125V AC
6A 1/2HP 250V AC
5A 250V AC
2A 250V AC
–
5A 250V AC
2A 250V AC
Vertical limit switches
Compact
Magnelimit
Standard type
Water-resistant type
–
–
–
–
–
–
E122222
E122222
(C-UL)
5A 250V AC
Pilot duty B300
5A 250V AC
Pilot duty B300
Magnelimit
––
CSA certified
TÜV approval
SAFETY STANDARDS RECOGNITION
Limit switches conforming to EN/IEC standards
The limit switches shown below conform to both EN and IEC standards, and may dis-
play the CE markings.
File No.
Approving body
Suitable standard
Product name
J9650514/J9650515
TÜV
EN60947-5-1
HL
J9551204
TÜV
EN60947-5-1
ML
J9551203
TÜV
EN60947-5-1
VL
J9551205
TÜV
EN60947-5-1
DL
–
–
EN60947-5-1
Magnelimit
Product classification
Limit switches
Note: Refer to the page for each individual product for detailed approval conditions and approved types. Moreover, the HL limit
switch alone does not display the CE mark as standard. If the CE mark is necessary, add (CE) to the end of the part No.
when ordering.
What are EN standards?
An abbreviation of Norme Europeenne
(in French), and called European
Standards in English. Approval is by vote
among the CEN/CENELEC member
countries, and is a unified standards lim-
ited to EU member countries, but the
contents conform to the international
ISO/IEC standards.
If the relevant EN standard does not
exist, it is necessary to obtain approval
based on the relevant IEC standard or, if
the relevant IEC standard does not exist,
the relevant standard from each country,
such as VDE, BS, SEMKO, and so forth.
CE markings and EC
directives
The world’s largest single market, the
European Community (EC) was born on
1 January 1993 (changing its name to
EU in November 1993. It is now always
expressed as EU, apart from EC direc-
tives.) EU member country products
have always had their quality and safety
guaranteed according to the individual
standards of each member country.
However, the standards of each country
being different prevented the free flow of
goods within the EU. For this reason, in
order to eliminate non-tariff barriers due
to these standards, and to maximize the
merits of EU unification, the EC direc-
tives were issued concomitant to the
birth of the EU.
The EN standards were established as
universal EU standards in order to facili-
tate EU directives. These standards
were merged with the international IEC
standards and henceforth reflect the
standards in all countries. Also, the CE
markings show that products conform to
EC directives, and guarantee the free
flow of products within the EC.
Appropriate EC directives
for control equipment
products
The main EC directives that are to do
with machinery and electrical equipment
are the machinery directive, the EMC
directive, the low voltage directive, and
the telecom directive. Although these
directives have already been issued, the
date of their enactment is different for
each one. The machinery directive was 1
January 1995. The EMC directive was 1
January 1996, and the low voltage direc-
tive was enacted from 1 January 1997.
The telecom directive was established by
the separate CTR (Common Technology
references.)
CE MARKINGS OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com