Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button QL Datasheet HTML 3Page - Panasonic Semiconductor QL Datasheet HTML 4Page - Panasonic Semiconductor QL Datasheet HTML 5Page - Panasonic Semiconductor QL Datasheet HTML 6Page - Panasonic Semiconductor QL Datasheet HTML 7Page - Panasonic Semiconductor QL Datasheet HTML 8Page - Panasonic Semiconductor QL Datasheet HTML 9Page - Panasonic Semiconductor QL Datasheet HTML 10Page - Panasonic Semiconductor QL Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
43
22.5
Standard
A
Packaging
condition
CORD OUTLET DIRECTION AND SHEATH STRIPPING DIMENSIONS
The cord outlet direction is selected from (1) of the (4) drawings below, and the cord is stripped to match the desired dorection
Aplicable wire
CAUTIONS
QL
L socket
direction
Cord sheath
stripping
dimensions
Wire name
Vinyl cabtire cord (VCTF)
Applicable wire
Conductor
Wire strand
Finished outside diameter
0.75 mm2
2-wire
6.6mm .268 inch dia.
3-wire
7.2mm .283 inch dia.
Note: The stripping of the cord is
based on a length for dimension
A as standard and should be
stripped accordingly.
B
A
22 (COM)
To (2)
To (1)
To (3)
16 (N.O., N.C.)
.866
.630
(1)
(2)
(3)
(4)
Terminal (1) and (A) direction are aligned.
A
B
16 (COM)
To (3)
To (2)
To (1)
.630
22 (N.O.)
.866
14 (N.C.)
.551
Terminal (3) and (A) direction are aligned.
A
B
14 (COM)
16 (N.O., N.C.)
To (1)
To (2)
To (3)
.551
.630
Terminal (1) and (B) direction are aligned.
A
B
To (2)
16 (COM)
To (3)
To (1)
22 (N.C.)
.866
.630
14 (N.O.)
.551
Terminal (2) and (A) direction are aligned.
1. Ambient conditions
1) The use of these switches under the
following conditions should be avoided. If
the following conditions should become
necessary, we recommend consulting us
first.
• Use where there will be direct contact
with organic solvents, strong acids or
alkalis, or direct exposure to their
vapors.
• Use where inflammable or corrosive
gases exist.
2) Because these switchies are not of
water resistant or immersion-proof con-
struction, their use in water or oil should
be avoided. Also, locations where water
or oil can normally impringe upon the
switch or where there is an excessive
accumulation of dust should be avoided.
2. Wiring
1) Although QL limit switches have large
over-travel (O.T.), excessive O.T. will
occur wear and change in its characteris-
tics. Specifically, where there is a need
for long life, it is recommended that the
proper O.T. should be used.
When the operating object is in the free
condition, force should not be applied
directly to the actuator.
2) Use their own accessories when
mounting and wiring QL limit switches so
as to maintain their own characterisrics.
3) In order to maintain the reliability at a
high level under practical conditions of
use, the actual operating conditions
should be checked for the benefit of the
quality of the product.
4) Do not use the switch in a silicon
atmosphere. Case should be taken
where organic silicon rubber, adhesive,
sealing material, oil, grease or lead wire
generates silicon.
5) Avoid use in excessively dusty envi-
ronments where actuator operation
would be hindered.
3. Socket with LED
1) The OFF condition leakage current at
each voltage is as follows.
2) Even the polarity of power source is
connected in the opposite way, LED is
not broken. However, LED is not lit on.
Rated operating
voltage
6V
12V
24V
48V
24 to 48V DC
––
1.6mA
3.2mA
12V DC
–
2.6mA
5.2mA
–
6V DC
2.5mA
5.6mA
––
QL (AZ4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com