Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848-HT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848-HT
Description  DP83848-HT PHYTER™ Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83848-HT Datasheet(HTML) 5 Page - Texas Instruments

  DP83848-HT Datasheet HTML 1Page - Texas Instruments DP83848-HT Datasheet HTML 2Page - Texas Instruments DP83848-HT Datasheet HTML 3Page - Texas Instruments DP83848-HT Datasheet HTML 4Page - Texas Instruments DP83848-HT Datasheet HTML 5Page - Texas Instruments DP83848-HT Datasheet HTML 6Page - Texas Instruments DP83848-HT Datasheet HTML 7Page - Texas Instruments DP83848-HT Datasheet HTML 8Page - Texas Instruments DP83848-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
DP83848-HT
www.ti.com
SLLSEJ7 – FEBRUARY 2015
Bond Pin Coordinates in Microns (continued)
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
IOGND
48
399.647
1406.451
462.676
1468.988
IOVDD33
49
326.42
1406.451
389.448
1468.988
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.2
V
VIN
DC input voltage
–0.5
VCC + 0.5
V
VOUT
DC output voltage
–0.5
VCC + 0.5
V
TJ
Operating junction temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
ESD rating
V(ESD)
(RZAP = 1.5 kΩ,
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±1000
CZAP = 100 pF)
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.6
V
TA
Operating free-air temperature(2)
–55
150
°C
PD
Power dissipation
267
mW
(1)
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply
that the device should be operated at these limits.
(2)
Provided that Thermal Pad is soldered down.
7.4 Thermal Information
DP83848
THERMAL METRIC(1)
PHP
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
35.74
RθJC(top)
Junction-to-case (top) thermal resistance
21.8
RθJB
Junction-to-board thermal resistance
19.5
°C/W
ψJT
Junction-to-top characterization parameter
1.2
ψJB
Junction-to-board characterization parameter
19.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DP83848-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com