Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSP2023 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # RFSP2023
Description  2.4 GHz 802.11b/g WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP2023 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  RFSP2023 Datasheet HTML 1Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 2Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 3Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 4Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 5Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 6Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 7Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 8Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet - Rev 2.3
04/2005
RFS P2023
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation
is not implied under these conditions. Exposure to absolute ratings for extended periods of
time may adversely affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is
guaranteed only over the conditions defined in the electrical specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
V
(
y
l
p
p
u
S
r
e
w
o
P
C
D
1
C
C
V
,
2
C
C
V
,
3
C
C
)0
.
4V
V
(
l
e
v
e
L
l
o
rt
n
o
C
r
e
w
o
P
1
C
P
V
,
3
/
2
C
P
)0
.
4V
s
e
ir
e
s
o
t
d
e
il
p
p
A
V
o
t
l
a
n
r
e
t
x
e
s
r
o
t
s
i
s
e
r
C
P
l
a
n
g
i
s
F
R
o
N
.
s
n
i
p
.
d
e
il
p
p
a
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C
C
D0
0
4A
m
F
R
(
l
e
v
e
L
t
u
p
n
I
F
R
N
I
)5
-m
B
d
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O0
5
8
+C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
5
-0
5
1
+C
°
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O0
0
4
2-
0
0
5
2
z
H
M
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
1
C
C
V
,
2
C
C
V
,
3
C
C
)0
.
33
.
36
.
3V
e
g
a
t
l
o
V
l
o
r
t
n
o
C
r
e
w
o
P
V
(
,
1
C
P
V
3
/
2
C
P
)
-
0
3
.
3
-
-
5
.
0
V
V
A
P
N
O
s
e
i
r
e
s
o
t
d
e
il
p
p
A
.
V
o
t
l
a
n
r
e
t
x
e
s
r
o
t
s
i
s
e
r
C
P
.
s
n
i
p
A
P
N
W
O
D
T
U
H
S
o
t
d
e
il
p
p
A
.
o
t
l
a
n
r
e
t
x
e
s
r
o
t
s
i
s
e
r
s
e
i
r
e
s
V C
P
.
s
n
i
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com