Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSP2023 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # RFSP2023
Description  2.4 GHz 802.11b/g WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP2023 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button RFSP2023 Datasheet HTML 4Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 5Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 6Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 7Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 8Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 9Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 10Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 11Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Data Sheet - Rev 2.3
04/2005
RFS P2023
Figure 18: S-Parameter Data S11 and S22, 3.3 V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2.4
2.41
2.42
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.5
Frequency (GHz)
S11 +25C
S22 +25C
S11 +70C
S22 +70C
S11 0C
S22 0C
Figure 14: ACPR Sidelobes vs.
Output Power at 2.412 GHz, 3.3 V
(IEEE 802.11b @ 11 Mbps)
-60
-50
-40
-30
-20
-10
0
16
17
18
19
20
21
22
23
Output Power (dBm)
1st Sidelobe +25C
1st Sidelobe +70C
1st Sidelobe 0C
2nd Sidelobe +25C
2nd Sidelobe +70C
2nd Sidelobe 0C
Figure 15: ACPR Sidelobes vs.
Output Power at 2.462 GHz, 3.3 V
(IEEE 802.11b @ 11 Mbps)
-60
-50
-40
-30
-20
-10
0
16
17
18
19
20
21
22
23
Output Power
1st Sidelobe +25C
1st Sidelobe +70C
1st Sidelobe 0C
2nd Sidelobe +25C
2nd Sidelobe +70C
2nd Sidelobe 0C
Figure 16: +23 dBm Output Power
at 2.412 GHz, 3.3 V
(IEEE 802.11b @ 11 Mbps)
-70
-60
-50
-40
-30
-20
-10
0
2.38
2.39
2.4
2.41
2.42
2.43
2.44
2.45
Frequency (GHz)
+23 dBm @ 2.412 GHz
Spectral Mask Limit
Figure 17: +23 dBm Output Power
at 2.462 GHz, 3.3 V
(IEEE 802.11b @ 11 Mbps)
-70
-60
-50
-40
-30
-20
-10
0
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.5
Frequency (GHz)
+23 dBm @ 2.462 GHz
Spectral Mask Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com