Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSP2023 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # RFSP2023
Description  2.4 GHz 802.11b/g WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP2023 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  RFSP2023 Datasheet HTML 1Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 2Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 3Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 4Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 5Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 6Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 7Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 8Page - ANADIGICS, Inc RFSP2023 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Data Sheet - Rev 2.3
04/2005
RFS P2023
Table 4: IEEE 802.11g Modulation, 54 Mbps OFDM
(VCC = 3.3 V, VPC = 3.3 V, POUT = +19 dBm, +25 °C)
Table 5: IEEE 802.11b Modulation,11 Mbps DSSS, CCK
(VCC = 3.3 V, VPC = 3.3 V, POUT = +21 dBm, +25 °C)
Notes:
1. EVM includes noise floor of 1% (-40 dB).
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
n
i
a
G
r
e
w
o
P5
.
1
35
.
4
30
.
7
3
B
dPOUT
m
B
d
9
1
+
=
e
l
p
p
i
R
n
i
a
G5
7
.
0
±B
d
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C5
4
15
6
1A
mPOUT
m
B
d
9
1
+
=
)
M
V
E
(
e
d
u
ti
n
g
a
M
r
o
t
c
e
V
r
o
r
r
E
8
.
2
1
3
-
0
.
4
8
2
-
%
B
d
POUT
m
B
d
9
1
+
=
POUT
m
B
d
9
1
+
=
e
g
a
tl
o
V
r
o
t
c
e
t
e
D
r
e
w
o
P0
5
.
00
6
.
00
7
.
0V
POUT
K
1
,
m
B
d
9
1
+
=
V
d
a
o
L
y
ti
v
it
i
s
n
e
S
r
o
t
c
e
t
e
D5
7B
d
/
V
m
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
r
o
t
c
e
t
e
D1
KV
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
n
i
a
G
r
e
w
o
P5
.
1
35
.
4
30
.
7
3
B
dPOUT
m
B
d
1
2
+
=
e
l
p
p
i
R
n
i
a
G5
7
.
0
±B
d
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C5
7
15
9
1A
mPOUT
m
B
d
1
2
+
=
e
b
o
l
e
d
i
S
t
s
1
-
R
P
C
A
)
t
e
s
ff
O
z
H
M
1
1
(
8
3
-3
3
-c
B
d
POUT =+
;
m
B
d
1
2
s
p
b
M
1
1
,
5
.
5
,
2
,
1
e
b
o
l
e
d
i
S
d
n
2
-
R
P
C
A
)
t
e
s
ff
O
z
H
M
2
2
(
4
5
-3
5
-c
B
d
POUT
;
m
B
d
1
2
+
=
s
p
b
M
1
1
,
5
.
5
,
2
,
1
e
g
a
tl
o
V
r
o
t
c
e
t
e
D
r
e
w
o
P7
.
08
.
09
.
0V
POUT
K
1
,
m
B
d
1
2
+
=
8
d
a
o
L
y
ti
v
it
i
s
n
e
S
r
o
t
c
e
t
e
D5
7B
d
/
V
m
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
r
o
t
c
e
t
e
D1
K
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com