Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV5000 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATV5000
Description  High Density UV Erasable Programmable Logic Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATV5000 Datasheet HTML 3Page - ATMEL Corporation ATV5000 Datasheet HTML 4Page - ATMEL Corporation ATV5000 Datasheet HTML 5Page - ATMEL Corporation ATV5000 Datasheet HTML 6Page - ATMEL Corporation ATV5000 Datasheet HTML 7Page - ATMEL Corporation ATV5000 Datasheet HTML 8Page - ATMEL Corporation ATV5000 Datasheet HTML 9Page - ATMEL Corporation ATV5000 Datasheet HTML 10Page - ATMEL Corporation ATV5000 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
A.C. Characteristics
ATV5000-25
ATV5000/L-30
ATV5000/L-35
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tPD1
Input to Non-Registered Output
(1)
25
30
35
ns
tPD2
Feedback to Non-Registered Output
(1)
20
25
30
ns
tPD3
Input to Non-Registered Feedback
(1)
20
25
30
ns
tPD4
Feedback to Non-Registered Feedback
(1)
15
18
22
ns
tEA1
Input to Output Enable
30
35
40
ns
tER1
Input to Output Disable
30
35
40
ns
tEA2
Feedback to Output Enable
25
30
35
ns
tER2
Feedback to Output Disable
25
30
35
ns
tS
Input Latch Setup Time
5
6
7
ns
tH
Input Latch Hold Time
5
5
5
ns
tW
Clock Width
10
12
12
ns
tP
Clock Period
20
25
30
ns
FMAX
Maximum Frequency (1/tP)50
40
33
MHz
tAW
Asynchronous Reset/Preset Width
15
20
20
ns
tAP
Asynchronous Reset/
Preset to Registered Output
30
35
40
ns
tAPF
Asynchronous Reset/
Preset to Registered Feedback
25
30
35
ns
Note:
1. Add 3 ns for Universal Product Terms.
OUTPUT
PIN
5.0V
CL= 35pF
R1= 450
R2= 250
(280 MIL.)
(580 MIL.)
Output Test Load
AC
MEASUREMENT
LEVEL
AC
DRIVING
LEVELS
0.0V
3.0V
1.5V
tR, tF < 5 ns (10% to 90%)
Input Test Waveforms and
Measurement Levels
HIGH Z
OUTPUT
VA L I D
INPUTS AND
I/O PINS
INPUT L AT CH
CLOCK
tP
tW
tS
HIGH Z
REGIST E RED
COMBINATORIAL
OUTPUTS
tH
tPD1
tW
tER1
tEA1
INT E RNAL
FEEDBACKS
tEA2
tER2
VA L I D
tPD3
tPD2
tPD4
VA L I D
OUTPUT
VA L I D
OUTPUT
VA L I D
OUTPUT
VA L I D
A.C. Waveforms
(1)
Notes:
1. Timing measurement reference is 1.5 V. Input AC driving levels are 0.0 V and 3.0 V, unless otherwise specified.
ATV5000/L
1-199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com