| Electronic Components Datasheet Search |
|
ATV5000 Datasheet(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATV5000 Datasheet(HTML) 4 Page - ATMEL Corporation |
|
4 / 13 page ![]() Logic Cell Options The ATV5000 logic cells contain most of the chip’s logic op- tions. The standard logic cell contains two flip-flops, three sum terms and three array inputs. The three sum terms can be com- bined to provide sum term options of four, five, nine, or 13 prod- uct terms. A combinatorial signal or the output of Q1 can be sent to the I/O cell. The ATV5000 retains the ATV2500’s ability to bury both reg- isters in the I/O cell and still output a combinatorial signal (see Figure 8). A new feature, unique to the ATV5000, is the ability to output Q1 and feedback the combinatorial term directly (see Figure 7). This high speed logic expansion term increases the devices flexibility and gate utilization. Buried Logic Cells Each quadrant has six buried logic cells (see Figure 4). Each cell contains one sum term with five product terms, a flip-flop, and individual preset, clear, and clock terms. A configuration bit se- lects either the Q output or the D input for feedback into the regional bus. CK1 AP1 AR2 CK2 Q1 AP2 AR1 R R R U U U U R R R U R R R U U U U R Q2 CLOCK OPTION D2/T2 TO I/O CELL D1/T1 R R R R U U Q2 Q1 OPTION CLOCK B A C Logic Cell with Buried Sum Term and Register to I/O Cell Figure 7 0/1 LCKn SELECT LOGIC TO CELL FROM LOGIC CELL D Q I/O U OE C I/O Pin Logic Figure 6 CK1 AR1 AP1 U R U U R R U R Q1 D1/T1 OPTION CLOCK R R SELECT Buried Logic Cells Figure 4 SELECT LOGIC TO CELL CLOCK PRODUCT TERM RCKn Clock Option Figure 5 Flip-Flop Clock Options Each register may be connected to its regional clock to provide fast clock-to-output timing (see Figure 5). In this "synchronous" mode, the clock is one of four input pins, a unique clock pin for each chip quadrant. One product term defines each flip-flop’s clock in the "asynchronous" mode. In the "synchronous" mode, the regional clock is ANDed with the product term. This provides the fast timing of a synchronous clock with the local control of the product term. I/O Pin Latches Each I/O pin of the ATV5000 has an input latch which can be individually enabled or disabled (see Figure 6). Each chip quad- rant has a unique latch clock. When the latch is inactive, pin input flows directly into the array. When activated, the latch is flow-through when the clock signal is low, and data is captured on the clock’s rising edge. Flip-Flop Types Each flip-flop in the ATV5000 may be configured as either a T- or D-type flip-flop. A T-type flip-flop can also easily be config- ured into a JK or SR flip-flop. 1-196 ATV5000/L |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |