Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATV5000 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATV5000
Description  High Density UV Erasable Programmable Logic Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATV5000 Datasheet HTML 1Page - ATMEL Corporation ATV5000 Datasheet HTML 2Page - ATMEL Corporation ATV5000 Datasheet HTML 3Page - ATMEL Corporation ATV5000 Datasheet HTML 4Page - ATMEL Corporation ATV5000 Datasheet HTML 5Page - ATMEL Corporation ATV5000 Datasheet HTML 6Page - ATMEL Corporation ATV5000 Datasheet HTML 7Page - ATMEL Corporation ATV5000 Datasheet HTML 8Page - ATMEL Corporation ATV5000 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Q1
CK1
AP1
AR2
CK2
Q1
Q2
AP2
AR1
R
R
R
U
U
U
U
R
R
R
U
R
R
R
U
U
U
U
R
Q2
OPTION
CLOCK
D1/T1
D2/T2
TO
I/O
CELL
CELL
I/O
FROM
D1/T1
TO
CLOCK
OPTION
U
U
R
R
R
R
A
B
C
Logic Cell with Combinable
Sum Terms, Register to I/O Cell
Figure 9
Q1
CK1
AP1
AR2
CK2
Q1
Q2
AP2
AR1
R
R
R
U
U
U
U
R
R
R
U
R
R
R
U
U
U
U
R
Q2
CLOCK
OPTION
D1/T1
D2/T2
TO
I/O
CELL
CELL
I/O
FROM
OPTION
CLOCK
U
U
R
R
R
R
A
B
C
Logic Cell, Two Buried Registers,
Combinatorial to I/O Cell
Figure 8
D.C. Characteristics
Symbol Parameter
Condition
Min
Typ
Max
Units
ILI
Input Load Current
VIN = -0.1 V to VCC+1 V
10
µA
ILO
Output Leakage Current
VOUT = -0.1 V to VCC+0.1 V
10
µA
ICC
Power Supply Current
ATV5000
VCC = MAX, VIN = GND or
VCC Outputs Open
Com.
200
350
mA
Ind.,Mil.
200
400
mA
ICC
Power Supply Current
ATV5000L
VCC = MAX, VIN = GND or
VCC Outputs Open
Com.
32
40
mA
Ind.,Mil.
32
50
mA
ICC2
Clocked Power Supply
Current, ATV5000L Only
f = 1 MHz, VCC = MAX
Outputs Open
Com.
30
(2)
mA
Ind.,Mil.
30
(2)
mA
IOS
(1)
Output Short Circuit
Current
VOUT = 0.5 V
-120
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC+0.75
V
VOL
Output Low Voltage
VIN = VIH or VIL,
IOL = 8 mA Com,Ind; 6 mA Mil.
0.5
V
VOH
Output High Voltage
IOH = -100 µAVCC-0.3
V
IOH = -4.0 mA
2.4
V
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 seconds.
2. See ICC vs. Frequency curve.
ATV5000/L
1-197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com