Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68229IRAZ Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ISL68229IRAZ
Description  Digital Triple Output, 12-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68229IRAZ Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ISL68229IRAZ Datasheet HTML 25Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 26Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 27Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 28Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 29Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 30Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 31Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 32Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
ISL68229, ISL68239
6. Fault Monitoring and Protection
R16DS0006EU0101 Rev.1.01
Page 29 of 106
Jul 21, 2022
6.
Fault Monitoring and Protection
The ISL68229 and ISL68239 include an extensive fault management system that integrates with high
performance host controllers, supporting unprecedented remote system management and debugging capability. If
a fault condition occurs, the IC deasserts the PG pin associated with the faulted rail and alerts the host using the
PMAlert pin. You can optionally configure the Catastrophic Failure Protection (CFP) to assert on select faults for
additional protection measures at the system level. The ISL68229 and ISL68239 also provide Black Box, a
recorder with extensive fault logging to support system level debug.
Fault controls are independently enabled and associated fault responses are user configurable. Response type is
independently configurable by fault type. Response types supported are:
• Alert only: The rail continues to operate.
• Shut down immediately: The rail is latched off until commanded on.
• Shut down and retry with variable retry delay: The rail attempts to retry indefinitely until the condition clears
or the rail is commanded off.
When a fault condition has been declared, clear the fault by issuing a CLEAR_FAULTS (03h) command or by
cycling the EN pin of the faulted rail.
6.1
Power-Good Signals
The PG pins are open-drain, power-good outputs that indicate completion of the soft-start sequence and output
voltage of the associated rail within the expected regulation range. If a fault occurs, the PG pin of the associated
rail is pulled low. PG is also pulled low immediately upon a rail disable.
6.2
Overvoltage/Undervoltage Protection
Output voltage is measured at the load sensing points differentially for regulation, and the same measurement is
used for OVP and UVP. The fault thresholds are set using PMBus commands. Figure 19 shows a simplified
OVP/UVP block diagram. The output voltage comparisons are done in the digital domain.
The device responds to an output overvoltage condition by disabling the output, declaring a fault, setting the
PMALERT pin, pulling the PG pin low, and then pulsing the LFET until the output voltage drops below the
threshold. Similarly, the device responds to an output undervoltage condition by disabling the output, declaring a
fault, setting the PMALERT pin, and pulling the PG pin low. The output does not restart until the EN pin is cycled
(unless the device is configured to retry).
In addition, the ISL68229 and ISL68239 feature open pin sensing protection to detect an open of the output
voltage sensing circuit. When this condition is detected, controller operation is suspended.
Figure 19. OVP, UVP Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com