Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68229IRAZ Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ISL68229IRAZ
Description  Digital Triple Output, 12-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68229IRAZ Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ISL68229IRAZ Datasheet HTML 34Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 37Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 38Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68229IRAZ Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
ISL68229, ISL68239
9. PMBus Command Summary
R16DS0006EU0101 Rev.1.01
Page 38 of 106
Jul 21, 2022
8Bh
READ_VOUT (8Bh)
Reports output voltage
measurement
Read
Direct
N/A
mV
8Ch
READ_IOUT (8Ch)
Reports output current
measurement
Read
Direct
N/A
A
8Dh
READ_TEMPERATURE_1 (8Dh)
Reports power stage
temperature measurement
Read
Direct
N/A
°C
8Eh
READ_TEMPERATURE_2 (8Eh)
Reports internal temperature
measurement
Read
Direct
N/A
°C
8Fh
READ_TEMPERATURE_3 (8Fh)
Reports TEMP pin temperature
measurement
Read
Direct
N/A
°C
96h
READ_POUT (96h)
Reports output power
Read
Direct
N/A
W
97h
READ_PIN (97h)
Reports input power
Read
Direct
N/A
W
98h
PMBUS_REVISION (98h)
Reports the PMBus revision
used
Read
Bit
33h
P1 R1.3, P2 R1.3
99h
MFR_ID (99h)
Stores inventory information
Block R/W
Bit
00000000h Empty
9Ah
MFR_MODEL (9Ah)
Stores inventory information
Block R/W
Bit
00000000h Empty
9Bh
MFR_REVISION (9Bh)
Stores inventory information
Block R/W
Bit
00000000h Empty
9Dh
MFR_DATE (9Dh)
Stores inventory information
Block R/W
Bit
00000000h Empty
ADh
IC_DEVICE_ID (ADh)
Reports device identification
information
Block
Read
Bit
ISL68229:
49D24E00h
ISL68239:
49D24B00h
See detail
AEh
IC_DEVICE_REV (AEh)
Reports device revision
information
Block
Read
Bit
Release revision
C5h
DMAFIX (C5h)
Fixed DMA transactions
R/W
Bit
0000h
0
C6h
DMASEQ (C6h)
Sequential DMA transaction
R/W
Bit
0000h
0
C7h
DMAADDR (C7h)
Sets the address for DMA
transactions
R/W
Bit
0000h
0
CDh
PEAK_OC_LIMIT (CDh)
Sets peak per phase OC limit
R/W
Direct
258h
60A
CEh
PEAK_UC_LIMIT (CEh)
Sets peak per phase UC limit
R/W
Direct
FDA8
-60A
D0h
VMON_ON (D0h)
Sets the VMON startup
threshold
R/W
Direct
1C2h
4500mV
D1h
VMON_OFF (D1h)
Sets the VMON shutdown
threshold
R/W
Direct
190h
4000mV
DDh
COMPPROP (DDh)
Configures proportional gain
R/W
Bit
D90907C4 See detail
DEh
COMPINTEG (DEh)
Configures integral gain
R/W
Bit
A9h
See detail
DFh
COMPIDFF (DFh)
Configures differential gain
R/W
Bit
0h
See detail
E0h
COMPCFB (E0h)
Configures AC current
feedback
R/W
Bit
560h
See detail
E3h
HS_BUS_CURRENT_SCALE (E3h)
Sets the high speed bus current
scaling
R/W
Direct
4000h
1.0
E4h
PHASE_CURRENT (E4h)
Reports per-phase current
Read
Direct
N/A
A
E5h
PHASE_TEMPERATURE (E5h)
Reports per-phase temperature
Read
Direct
N/A
°C
E9h
PEAK_OCUC_COUNT (E9h)
Sets the count limit before fault
R/W
Bit
0606h
6 cycles for OC and
UC
EAh
SLOW_IOUT_OC_LIMIT (EAh)
Sets the slow IOUT OC limit
R/W
Direct
C8h
20A
EBh
FAST_OC_FILT_COUNT (EBh)
Configures the fast OC filter
R/W
Bit
0696h
Filter = 10.7µs,
Delay = 100µs
Code
Command Name
Description
Type
Data
Format
Default
Value
Default Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com