Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR127-101-R Datasheet(PDF) 29 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 29 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 25Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 26Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 27Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 28Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 29Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 30Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 31Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 32Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 33Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Si32172/3/5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
29
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
6.2. Loop Closure Detection
The Si32172/3/5 provides a completely programmable loop closure detection mechanism. The loop closure
detection scheme provides two unique thresholds to allow hysteresis, and also includes a programmable
debounce filter to eliminate false detection. A loop closure detect status bit provides continuous status, and a
maskable interrupt bit is also provided.
6.3. Ground Key Detection
The Si32172/3/5 provides a ground key detect mechanism using a programmable architecture similar to the loop
closure scheme. The ground key detect scheme provides two unique thresholds to allow hysteresis and also
includes a programmable debounce filter to eliminate false detection. A ground key detect status bit provides
continuous status, and a maskable interrupt bit is also provided.
6.4. Ringing Generation
The Si32172/3/5 provides the ability to generate a programmable sinusoidal or trapezoidal ringing waveform, with
or without dc offset. The ringing frequency, wave shape, cadence, and offset are all register-programmable. Three
ringing modes are supported: balanced, unbalanced, and low-power ringing (LPR). Figure 15 illustrates the
fundamental differences between the three ringing modes.
6.5. Polarity Reversal
The Si32172/3/5 supports polarity reversal for message waiting and various other signaling modes. The ramp rate
can be programmed for a smooth or abrupt transition to accommodate different application requirements.
6.6. Two-Wire Impedance Synthesis
The ac two-wire impedance synthesis is generated on-chip using a DSP-based scheme to optimally match the
output impedance of the Si32172/3/5 to the reference impedance. Most real or complex two-wire impedances can
be generated with appropriate register coefficients.
6.7. Transhybrid Balance Filter
The trans-hybrid balance function is implemented on-chip using a DSP-based scheme to effectively cancel the
reflected receive path signal from the transmit path.
6.8. Tone Generators
The Si32172/3/5 includes two digital tone generators that allow a wide variety of single- or dual-tone frequency and
amplitude combinations. Each tone generator has its own set of registers that hold the desired frequency,
amplitude, and cadence to allow generation of DTMF and call progress tones for different requirements. The tones
can be directed to either receive or transmit paths.
Figure 15. Ringing Modes
TIP
RING
VBAT
Balanced
VBAT
TIP
RING
LPR
TIP
RING
VBAT
Unbalanced
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com