Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR127-101-R Datasheet(PDF) 40 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 40 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 36Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 37Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 38Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 39Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 40Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 41Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 42Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 43Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 44Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Si32172/3/5
40
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
11. Package Outline
11.1. 42-Pin QFN/LGA
Figure 17 illustrates the package details for the Si32172/3/5. Table 19 lists the values for the dimensions shown in
the illustration.
Figure 17. 42-Pin QFN/LGA Package
Table 19. 42-Pin QFN/LGA Package Diagram Dimensions
Dimension
Min
Nom
Max
A
0.80
0.85
0.90
b
0.20
0.25
0.30
D
5.00 BSC
D2
3.35
3.40
3.45
e
0.50 BSC
E
7.00 BSC
E2
5.35
5.40
5.45
E3
1.65
1.70
1.75
E4
3.15
3.20
3.25
L
0.35
0.40
0.45
L1
0.05
0.10
0.15
aaa
0.10
bbb
0.10
ccc
0.08
ddd
0.10
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. Recommended card reflow profile is per the JEDEC/IPC J-STD-020C specification
for Small Body Components.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com