Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR127-101-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # DR127-101-R
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DR127-101-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button DR127-101-R Datasheet HTML 6Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 7Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 8Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 9Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 10Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 11Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 12Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 13Page - Skyworks Solutions Inc. DR127-101-R Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Si32172/3/5
10
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Figure 1. ISI Timing Diagram
Table 8. Switching Characteristics—ISI
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
Setup Time, MOSI to PSCLK Fall
tsu
7.5
ns
Hold Time, MOSI to PSCLK Fall
th
5—
ns
Delay Time, PSCLK Rise to MISO
td
16
ns
PSCLK Period
tp
40.69
ns
PSCLK Duty Cycle
405060
%
PSCLK
tp
td
tsu
th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com