Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU-SERIES Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # MU-SERIES
Description  1W UNREGULATED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

MU-SERIES Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  MU-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DANUBE
http://www.danube.com.tw
2010/12/01
1
FEATURES
SINGLE IN LINE PACKAGE
UP TO 1W UNREGULATED OUTPUT POWER
100% BURN IN
HIGH EFFICIENCY
INTERNAL SMD TECHNOLOGY
LOW COST
NO HEATSINK REQUIRED
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
RoHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Set-point Accuracy
+/-2% max Input Voltage Range
+/-10% max
Temperature Coefficient
+/-0.05%/°C Input Filter
Capacitor Typ
Ripple & Noise(20MHz BW)
1
100mVp-p max Input Reflected Ripple Current
50mAp-p max
Line Regulation
2
+/-1.2% max Protection
Fuse Recommended
Load Regulation
3
+/-8% max
Load Regulation
4
+/-12% max
Minimum Load
10% of Full Load GENERAL SPECIFICATIONS
Short Circuit Protection
Momentary Efficiency
70%-82%
Isolation Voltage
5
1500-3000 VDC
Isolation Resistance
10
9
ohms min
Isolation Capacitance
80pF max
Switching Frequency
100KHz Typ
ENVIRONMENTAL SPECIFICATIONS
MTBF
6
>2,000,000 Hours
Operating Temperature
-25 °C to +71 °C Weight
1.3g Typ
Case Temperature
+90°C max Case Material
Non-Conductive Plastic
Storage Temperature
-55 °C to +125 °C Case Size
11.7mm*6.0mm*10.2mm
Humidity
95% max
11.7mm*7.5mm*10.1mm
Cooling
Free-Air Convection Conducted Emissions
EN55022 Class A
Radiated Emissions
EN55022 Class B
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD AND 25
°C UNLESS OTHERWISE NOTED.
1
Measured with 1uF ceramic capacitor connect to the output pins.
2 Line Regulation is for a 1.0% change in input Voltage.
3 Load Regulation is for output load current change from 20% to 100%.
4 Load Regulation is for output load current change from 20% to 100% when input voltage is 3V and 3.3V.
5 1500VDC for 10 seconds,3000VDC for 3 seconds.
6 MIL-HDBK-217F @25 °C , Ground Benign.
MU SERIES
1W UNREGULATED


Similar Part No. - MU-SERIES

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
MU-01-1 KGS-MU-01-1 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-2 KGS-MU-01-2 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-3 KGS-MU-01-3 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-4 KGS-MU-01-4 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
MU-01-5 KGS-MU-01-5 Datasheet
350Kb / 1P
Mini cable clamp for 1 mm diam. cable
More results

Similar Description - MU-SERIES

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
PEAK electronics GmbH
P6LU PEAK-P6LU Datasheet
248Kb / 2P
4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
logo
Mean Well Enterprises C...
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
1W DC-DC Unregulated Single Output Converter
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
logo
DIWELL Electronics Co.,...
NU_SERIES DIWELL-NU_SERIES Datasheet
477Kb / 7P
1W~2W UNREGULATED
2014/04/28
NU-C1 DIWELL-NU-C1 Datasheet
353Kb / 5P
1W UNREGULATED
2018/01/02
NU-E1K DIWELL-NU-E1K Datasheet
371Kb / 5P
1W UNREGULATED
2018/03/15
NU-SERIES DIWELL-NU-SERIES Datasheet
2Mb / 8P
1W~2W UNREGULATED
2013/02/06
PU-S DIWELL-PU-S Datasheet
550Kb / 5P
1W UNREGULATED
2012/11/21
TU-SERIES DIWELL-TU-SERIES Datasheet
361Kb / 6P
1W UNREGULATED
2011/06/28
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com