Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU-SERIES Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # MU-SERIES
Description  1W UNREGULATED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

MU-SERIES Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  MU-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DANUBE
http://www.danube.com.tw
2010/12/01
3
 SELECTION GUIDE(2)
1W 3000VDC ISOLATION
INPUT
9
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
10
ISOLATION
(VDC)
PACKAGE
MUS-03.303.3-3K
3.3
3.3
303
403
43
75
3000
B
MUS-0505-3K
5
5
200
274
26
73
3000
B
MUS-0509-3K
5
9
110
260
27
77
3000
B
MUS-0512-3K
5
12
84
253
26
79
3000
B
MUS-0515-3K
5
15
67
253
28
79
3000
B
MUS-1203.3-3K
12
3.3
300
112
11
74
3000
B
MUS-1205-3K
12
5
200
112
11
74
3000
B
MUS-1209-3K
12
9
110
105
11
79
3000
B
MUS-1212-3K
12
12
84
102
11
82
3000
B
MUS-1215-3K
12
15
67
102
12
82
3000
B
MUS-2403.3-3K
24
3.3
300
57
8
73
3000
B
MUS-2405-3K
24
5
200
57
8
73
3000
B
MUS-2409-3K
24
9
110
54
8
77
3000
B
MUS-2412-3K
24
12
84
54
8
77
3000
B
MUS-2415-3K
24
15
67
54
10
77
3000
B
Note: Other input to output voltages may be available. Please contact factory.
 MECHANICAL DIMENSIONS
PACKAGE ”A”
PIN
SINGLE
1
-Vin
2
+Vin
3
-Vout
4
+Vout
3.81[0.15]
All dimensions are in mm[inches]
2.54[0.10]
11.7[0.46]
6.0[0.24]
10.2[0.40]
1.2[0.05]
BOTTOM VIEW
1 2
4
3
FRONT
VIEW
NOTE:Pin Size is Tolerance 0.50Φ ±0.05mm
All Dimensions In mm(Inches)
Tolerance .X
or
.XX= ±0.5mm
9 NOMINAL INPUT VOLTAGE.
10 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com