Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU-SERIES Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # MU-SERIES
Description  1W UNREGULATED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

MU-SERIES Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  MU-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. MU-SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DANUBE
http://www.danube.com.tw
2010/12/01
2
 SELECTION GUIDE(1)
1W 1500VDC ISOLATION
INPUT
7
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
8
ISOLATION
(VDC)
PACKAGE
MUS-0303
3
3
333
475
35
70
1500
B
MUS-03.303
3.3
3
333
425
43
71
1500
B
MUS-03.303.3
3.3
3.3
303
403
43
75
1500
B
MUS-0305
3
5
200
475
50
70
1500
B
MUS-03.305
3.3
5
200
404
46
75
1500
B
MUS-0503.3
5
3.3
303
282
32
71
1500
B
MUS-0505
5
5
200
274
30
73
1500
A
MUS-0509
5
9
110
260
27
77
1500
A
MUS-0512
5
12
84
253
26
79
1500
A
MUS-0515
5
15
67
253
28
79
1500
A
MUS-0524
5
24
42
253
28
79
1500
B
MUS-1203.3
12
3.3
300
112
11
74
1500
A
MUS-1205
12
5
200
112
11
74
1500
A
MUS-1209
12
9
110
105
11
79
1500
A
MUS-1212
12
12
84
102
11
82
1500
A
MUS-1215
12
15
67
102
12
82
1500
A
MUS-2403.3
24
3.3
300
57
8
73
1500
B
MUS-2405
24
5
200
57
8
73
1500
B
MUS-2409
24
9
110
54
8
77
1500
B
MUS-2412
24
12
84
54
8
77
1500
B
MUS-2415
24
15
67
54
10
77
1500
B
MUS-2424
24
24
42
54
10
77
1500
B
MUS-4805
48
5
200
29
10
72
1500
B
Note: Other input to output voltages may be available. Please contact factory.
7 NOMINAL INPUT VOLTAGE.
8 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com