Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2N2222
Description  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2222 Datasheet(HTML) 2 Page - NXP Semiconductors

  2N2222 Datasheet HTML 1Page - NXP Semiconductors 2N2222 Datasheet HTML 2Page - NXP Semiconductors 2N2222 Datasheet HTML 3Page - NXP Semiconductors 2N2222 Datasheet HTML 4Page - NXP Semiconductors 2N2222 Datasheet HTML 5Page - NXP Semiconductors 2N2222 Datasheet HTML 6Page - NXP Semiconductors 2N2222 Datasheet HTML 7Page - NXP Semiconductors 2N2222 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 May 29
2
Philips Semiconductors
Product specification
NPN switching transistors
2N2222; 2N2222A
FEATURES
• High current (max. 800 mA)
• Low voltage (max. 40 V).
APPLICATIONS
• Linear amplification and switching.
DESCRIPTION
NPN switching transistor in a TO-18 metal package.
PNP complement: 2N2907A.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-18) and symbol.
handbook, halfpage
MAM264
1
3
2
3
1
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
2N2222
60
V
2N2222A
75
V
VCEO
collector-emitter voltage
open base
2N2222
30
V
2N2222A
40
V
IC
collector current (DC)
800
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
500
mW
hFE
DC current gain
IC = 10 mA; VCE =10V
75
fT
transition frequency
IC = 20 mA; VCE = 20 V; f = 100 MHz
2N2222
250
MHz
2N2222A
300
MHz
toff
turn-off time
ICon = 150 mA; IBon = 15 mA; IBoff = −15 mA
250
ns


Similar Part No. - 2N2222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2222 STMICROELECTRONICS-2N2222 Datasheet
71Kb / 5P
HIGH-SPEED SWITCHES
January 1989
logo
Comset Semiconductor
2N2222 COMSET-2N2222 Datasheet
84Kb / 4P
SWITCHING SILICON TRANSISTORS
logo
Semicoa Semiconductor
2N2222 SEMICOA-2N2222 Datasheet
29Kb / 1P
Chip Type 2C2222A Geometry 0400 Polarity NPN
logo
Continental Device Indi...
2N2222 CDIL-2N2222 Datasheet
273Kb / 4P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
2N2222 SIEMENS-2N2222 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
More results

Similar Description - 2N2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com