Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26WF040B Datasheet(PDF) 36 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 36 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 32Page - Microchip Technology SST26WF040B Datasheet HTML 33Page - Microchip Technology SST26WF040B Datasheet HTML 34Page - Microchip Technology SST26WF040B Datasheet HTML 35Page - Microchip Technology SST26WF040B Datasheet HTML 36Page - Microchip Technology SST26WF040B Datasheet HTML 37Page - Microchip Technology SST26WF040B Datasheet HTML 38Page - Microchip Technology SST26WF040B Datasheet HTML 39Page - Microchip Technology SST26WF040B Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 36
 2014-2017 Microchip Technology Inc.
5.35
Lock-Down Block-Protection
Register (LBPR)
The Lock-Down Block-Protection Register instruction
prevents changes to the Block-Protection register
during device operation. Lock-Down resets after power
cycling; this allows the Block-Protection register to be
changed. Execute WREN before initiating the Lock-
Down Block-Protection Register instruction.
To execute a Lock-Down Block-Protection Register, the
host drives CE# low, then sends the Lock-Down Block-
Protection Register command cycle (8DH), then drives
CE# high.
FIGURE 5-40:
LOCK-DOWN BLOCK-
PROTECTION REGISTER
(SQI)
FIGURE 5-41:
LOCK-DOWN BLOCK-PROTECTION REGISTER (SPI)
2005283 F30.1
MODE 3
0
1
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
Nt
C[1 0] 8DH
2005283 F67.0
MODE 3
0
1
SCK
SIO0
CE#
MODE 0
234567
8D
SIO[3:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com