Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26WF040B Datasheet(PDF) 17 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 13Page - Microchip Technology SST26WF040B Datasheet HTML 14Page - Microchip Technology SST26WF040B Datasheet HTML 15Page - Microchip Technology SST26WF040B Datasheet HTML 16Page - Microchip Technology SST26WF040B Datasheet HTML 17Page - Microchip Technology SST26WF040B Datasheet HTML 18Page - Microchip Technology SST26WF040B Datasheet HTML 19Page - Microchip Technology SST26WF040B Datasheet HTML 20Page - Microchip Technology SST26WF040B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 17
SST26WF040B/040BA SST26WF080B/080BA
5.6
High-Speed Read (104 MHz)
The High-Speed Read instruction, 0BH, is supported in
both SPI bus protocol and SQI protocol. On power-up,
the device is set to use SPI.
Initiate High-Speed Read by executing an 8-bit com-
mand, 0BH, followed by address bits A[23-0] and a
dummy byte. CE# must remain active low for the dura-
tion of the High-Speed Read cycle. See Figure 5-6 for
the High-Speed Read sequence for SPI bus protocol.
FIGURE 5-6:
HIGH-SPEED READ SEQUENCE (SPI) (C[1:0] = 0BH)
In SQI protocol, the host drives CE# low then send the
Read command cycle command, 0BH, followed by
three address cycles, a Set Mode Configuration cycle,
and two dummy cycles. Each cycle is two nibbles
(clocks) long, most significant nibble first.
After the dummy cycles, the device outputs data on the
falling edge of the SCK signal starting from the speci-
fied address location. The device continually streams
data output through all addresses until terminated by a
low-to-high transition on CE#. The internal address
pointer automatically increments until the highest mem-
ory address is reached, at which point the address
pointer returns to address location 000000H. During
this operation, blocks that are Read-locked will output
data 00H.
The Set Mode Configuration bit M[7:0] indicates if the
next instruction cycle is another SQI High-Speed Read
command. When M[7:0] = AXH, the device expects the
next continuous instruction to be another Read com-
mand, 0BH, and does not require the op-code to be
entered again. The host may initiate the next Read
cycle by driving CE# low, then sending the four-bits
input for address A[23:0], followed by the Set Mode
configuration bits M[7:0], and two dummy cycles. After
the two dummy cycles, the device outputs the data
starting from the specified address location. There are
no restrictions on address location access.
When M[7:0] is any value other than AXH, the device
expects the next instruction initiated to be a command
instruction. To reset/exit the Set Mode configuration,
execute the Reset Quad I/O command, FFH. While in
the Set Mode configuration, the RSTQIO command will
only return the device to a state where it can accept
new SQI command instruction. An additional RSTQIO
is required to reset the device to SPI mode. See Figure
5-10 for the SPI Quad I/O Mode Read sequence when
M[7:0] = AXH.
FIGURE 5-7:
HIGH-SPEED READ SEQUENCE (SQI)
20005283 F31.0
CE#
SO/SIO1
SI/SIO0
SCK
ADD.
012 3 4 5 6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
Address
Dummy
Command
Command
Data Byte 0
MSN
LSN
Data Byte 7
Mode
20005283 F47.0
01
2
SCK
SIO(3:0)
CE#
C1
C0
A5
A4
A3
A2
A1
A0
XH0
X
X
X
L0
H8
L8
78
11
10
913
12
15
14
21
20
MODE 3
MODE 0
34
5
6
M1
M0
Note: MSN= Most Significant Nibble, LSN = Least Significant Nibble
Hx = High Data Nibble, Lx = Low Data Nibble C[1:0] = 0BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com