Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST26WF040B Datasheet(PDF) 80 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 80 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 76Page - Microchip Technology SST26WF040B Datasheet HTML 77Page - Microchip Technology SST26WF040B Datasheet HTML 78Page - Microchip Technology SST26WF040B Datasheet HTML 79Page - Microchip Technology SST26WF040B Datasheet HTML 80Page - Microchip Technology SST26WF040B Datasheet HTML 81Page - Microchip Technology SST26WF040B Datasheet HTML 82Page - Microchip Technology SST26WF040B Datasheet HTML 83Page - Microchip Technology SST26WF040B Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 80
 2014-2017 Microchip Technology Inc.
JEDEC Flash Parameter Table: 6th DWORD
44H
A7:A0
FFH
Reserved. Bits default to all 1’s.
45H
A15:A8
FFH
Reserved. Bits default to all 1’s.
46H
A20:A16
00H
(2-2-2) Fast Read Number of Wait states (dummy clocks) needed
before valid output
00000b: No dummy bit is needed
A23:A21
(2-2-2) Fast Read Number of Mode Bits
000b: No mode bits are needed
47H
A31:A24
FFH
(2-2-2) Fast Read Opcode
Opcode for dual input opcode& address and dual output data Fast
Read. (not supported)
JEDEC Flash Parameter Table: 7th DWORD
48H
A7:A0
FFH
Reserved. Bits default to all 1’s.
49H
A15:A8
FFH
Reserved. Bits default to all 1’s.
4AH
A20:A16
44H
(4-4-4) Fast Read Number of Wait states (dummy clocks) needed
before valid output
00100b: 4 clocks dummy are needed with a quad input opcode &
address and quad output data Fast Read Instruction
A23:A21
(4-4-4) Fast Read Number of Mode Bits
010b: 2 clocks mode bits are needed with a quad input opcode &
address and quad output data Fast Read Instruction
4BH
A31:A24
0BH
(4-4-4) Fast Read Opcode
Opcode for quad input opcode/address, quad output data Fast Read
JEDEC Flash Parameter Table: 8th DWORD
4CH
A7:A0
0CH
Sector Type 1 Size
4 KByte, Sector/block size = 2N bytes
4DH
A15:A8
20H
Sector Type 1 Opcode
Opcode used to erase the number of bytes specified by Sector Type 1
Size.
4EH
A23:A16
0DH
Sector Type 2 Size
8 KByte, Sector/block size = 2N bytes
4FH
A31:A24
D8H
Sector Type 2 Opcode
Opcode used to erase the number of bytes specified by Sector Type 2
Size.
JEDEC Flash Parameter Table: 9th DWORD
50H
A7:A0
0FH
Sector Type 3 Size
32 KByte, Sector/block size = 2N bytes
51H
A15:A8
D8H
Sector Type 3 Opcode
Opcode used to erase the number of bytes specified by Sector Type 3
Size.
52H
A23:A16
10H
Sector Type 4 Size
64 KByte, Sector/block size = 2N bytes
53H
A31:A24
D8H
Sector Type 4 Opcode
Opcode used to erase the number of bytes specified by Sector Type 4
Size
TABLE 11-2:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF080B/080BA
(CONTINUED) (5 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com