Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39LF010 Datasheet(PDF) 18 Page - Microchip Technology

Part # SST39LF010
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF010 Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST39LF010 Datasheet HTML 14Page - Microchip Technology SST39LF010 Datasheet HTML 15Page - Microchip Technology SST39LF010 Datasheet HTML 16Page - Microchip Technology SST39LF010 Datasheet HTML 17Page - Microchip Technology SST39LF010 Datasheet HTML 18Page - Microchip Technology SST39LF010 Datasheet HTML 19Page - Microchip Technology SST39LF010 Datasheet HTML 20Page - Microchip Technology SST39LF010 Datasheet HTML 21Page - Microchip Technology SST39LF010 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
18
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Figure 12:Software ID Exit and Reset
Figure 13:AC Input/Output Reference Waveforms
Figure 14:A Test Load Example
1150 F10.0
ADDRESS A14-0
DQ7-0
TIDA
TWP
TWHP
WE#
SW0
SW1
SW2
5555
2AAA
5555
THREE-BYTE SEQUENCE FOR
SOFTWARE ID EXIT AND RESET
OE#
CE#
AA
55
F0
1150 F12.1
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (0.9 VDD) for a logic “1” and VILT (0.1 VDD) for a logic
“0”. Measurement reference points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input
rise and fall times (10%
↔ 90%) are <5 ns.
Note: VIT - VINPUT Test
VOT - VOUTPUT Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test
1150 F11.1
TO TESTER
TO DUT
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com