Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39LF010 Datasheet(PDF) 23 Page - Microchip Technology

Part # SST39LF010
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF010 Datasheet(HTML) 23 Page - Microchip Technology

Back Button SST39LF010 Datasheet HTML 19Page - Microchip Technology SST39LF010 Datasheet HTML 20Page - Microchip Technology SST39LF010 Datasheet HTML 21Page - Microchip Technology SST39LF010 Datasheet HTML 22Page - Microchip Technology SST39LF010 Datasheet HTML 23Page - Microchip Technology SST39LF010 Datasheet HTML 24Page - Microchip Technology SST39LF010 Datasheet HTML 25Page - Microchip Technology SST39LF010 Datasheet HTML 26Page - Microchip Technology SST39LF010 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
23
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Product Ordering Information
SST
39
VF
010
-55
-
4C
-NHE
XX
XX
XXX
-XX
-XX
-
XXX
Environmental Attribute
E1 = non-Pb
Package Modifier
H = 32 leads
Package Type
N = PLCC
W = TSOP (type 1, die up, 8mm x 14mm)
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Read Access Speed
55 = 55 ns
70 = 70 ns
Device Density
040 = 4 Mbit
020 = 2 Mbit
010 = 1 Mbit
Voltage
L = 3.0-3.6V
V = 2.7-3.6V
Product Series
39 = Multi-Purpose Flash
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com