Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39LF010 Datasheet(PDF) 25 Page - Microchip Technology

Part # SST39LF010
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF010 Datasheet(HTML) 25 Page - Microchip Technology

Back Button SST39LF010 Datasheet HTML 20Page - Microchip Technology SST39LF010 Datasheet HTML 21Page - Microchip Technology SST39LF010 Datasheet HTML 22Page - Microchip Technology SST39LF010 Datasheet HTML 23Page - Microchip Technology SST39LF010 Datasheet HTML 24Page - Microchip Technology SST39LF010 Datasheet HTML 25Page - Microchip Technology SST39LF010 Datasheet HTML 26Page - Microchip Technology SST39LF010 Datasheet HTML 27Page - Microchip Technology SST39LF010 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
25
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Packaging Diagrams
Figure 19:32-lead Plastic Lead Chip Carrier (PLCC)
SST Package Code: NH
.040
.030
.021
.013
.530
.490
.095
.075
.140
.125
.032
.026
.032
.026
.029
.023
.453
.447
.553
.547
.595
.585
.495
.485
.112
.106
.042
.048
.048
.042
.015 Min.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
232
.400
BSC
32-plcc-NH-3
Note: 1. Complies with JEDEC publication 95 MS-016 AE dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (max/min).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .008 inches.
4. Coplanarity: 4 mils.
.050
BSC
.050
BSC
Optional
Pin #1
Identifier
.020 R.
MAX.
R.
x 30°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com