Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY136 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGY136
Description  VHF power amplifier modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY136 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGY136 Datasheet HTML 1Page - NXP Semiconductors BGY136 Datasheet HTML 2Page - NXP Semiconductors BGY136 Datasheet HTML 3Page - NXP Semiconductors BGY136 Datasheet HTML 4Page - NXP Semiconductors BGY136 Datasheet HTML 5Page - NXP Semiconductors BGY136 Datasheet HTML 6Page - NXP Semiconductors BGY136 Datasheet HTML 7Page - NXP Semiconductors BGY136 Datasheet HTML 8Page - NXP Semiconductors BGY136 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1996 May 08
4
Philips Semiconductors
Product specification
VHF power amplifier modules
BGY135; BGY136
CHARACTERISTICS
ZS = ZL = 50 Ω; PD = 150 mW; VS1 = VS2 = 12.5 V; Th = 25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
frequency
BGY135
132
−
156
MHz
BGY136
146
−
174
MHz
IQ2
leakage current
VS1 = 0; PD = 0
−
−
1
mA
PL
load power
18
−
−
W
η
efficiency
adjust PD for PL = 18 W
38
45
−
%
H2
second harmonic
adjust PD for PL = 18 W
−
−
−25
dBc
H3
third harmonic
adjust PD for PL = 18 W
−
−
−25
dBc
VSWRin
input VSWR
adjust PD for PL = 18 W
−
1.5
3
stability
VS1 = VS2 = 10.8 to 15.6 V;
PL = 2 to 20 W; VSWR = 3 : 1
−
−
−60
dBc
ruggedness
PD ≤ 300 mW;
VS1 = VS2 = 15.6 V duration 5 s;
PL < 25 W; VSWR = 50 : 1
no degradation
Fig.3
Load power as a function of drive power;
BGY135; typical values.
VS1 = VS2 = 12.5 V.
handbook, halfpage
0
5
10
15
20
25
30
35
0
100
200
PD (mW)
300
MRC266
156 MHz
f =
132 MHz
144 MHz
PL
(W)
Fig.4
Load power as a function of drive power;
BGY136; typical values.
VS1 = VS2 = 12.5 V.
handbook, halfpage
0
10
20
30
0
100
200
300
f = 146 MHz
161 MHz
174 MHz
MRC261
PL
(W)
PD (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com