Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY136 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGY136
Description  VHF power amplifier modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY136 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGY136 Datasheet HTML 2Page - NXP Semiconductors BGY136 Datasheet HTML 3Page - NXP Semiconductors BGY136 Datasheet HTML 4Page - NXP Semiconductors BGY136 Datasheet HTML 5Page - NXP Semiconductors BGY136 Datasheet HTML 6Page - NXP Semiconductors BGY136 Datasheet HTML 7Page - NXP Semiconductors BGY136 Datasheet HTML 8Page - NXP Semiconductors BGY136 Datasheet HTML 9Page - NXP Semiconductors BGY136 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1996 May 08
7
Philips Semiconductors
Product specification
VHF power amplifier modules
BGY135; BGY136
Test circuit information
Fig.13 Test circuit.
handbook, full pagewidth
C1
L1
Z1
input
C2
C3
C4
C5
C6
C7
C8
Z2
output
L2
VS1
VS2
pin
numbers
1
2
3
4
5
6
7
IS1 =
typ. 0.5 A
IS2 =
typ. 2.5 A
MRC273
Fig.14 Printed-circuit board layout.
handbook, full pagewidth
90
50
MLB068
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com