Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY136 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGY136
Description  VHF power amplifier modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY136 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGY136 Datasheet HTML 2Page - NXP Semiconductors BGY136 Datasheet HTML 3Page - NXP Semiconductors BGY136 Datasheet HTML 4Page - NXP Semiconductors BGY136 Datasheet HTML 5Page - NXP Semiconductors BGY136 Datasheet HTML 6Page - NXP Semiconductors BGY136 Datasheet HTML 7Page - NXP Semiconductors BGY136 Datasheet HTML 8Page - NXP Semiconductors BGY136 Datasheet HTML 9Page - NXP Semiconductors BGY136 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1996 May 08
8
Philips Semiconductors
Product specification
VHF power amplifier modules
BGY135; BGY136
List of components (see Fig.13)
Note
1. The striplines are on a double copper-clad printed-circuit board, with epoxy dielectric (
ε
r = 4.7), thickness
1
⁄
16 inch.
COMPONENT
DESCRIPTION
VALUE
CATALOGUE NO
C1, C5
multilayer chip capacitor
1 nF
4822 590 06614
C2, C6
tantalum capacitor
6.8
µF, 35 V
2022 001 00067
C3, C7
multilayer chip capacitor
10 nF
2222 852 47103
C4, C8
multilayer chip capacitor
100 nF
2222 852 47104
L1, L2
1 turn 0.5 mm copper wire on ferrite coil
1
µH
3122 108 20153
Z1, Z2
stripline; note 1
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com