Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

030AS Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 030AS
Description  Aluminum Electrolytic Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

030AS Datasheet(HTML) 6 Page - Vishay Siliconix

  030AS Datasheet HTML 1Page - Vishay Siliconix 030AS Datasheet HTML 2Page - Vishay Siliconix 030AS Datasheet HTML 3Page - Vishay Siliconix 030AS Datasheet HTML 4Page - Vishay Siliconix 030AS Datasheet HTML 5Page - Vishay Siliconix 030AS Datasheet HTML 6Page - Vishay Siliconix 030AS Datasheet HTML 7Page - Vishay Siliconix 030AS Datasheet HTML 8Page - Vishay Siliconix 030AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
030/031 AS
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
6
Document Number: 28327
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 6 - Typical multiplier of ESR
as a function of ambient temperature
Fig. 7 - Typical multiplier of ESR as a function of frequency
IMPEDANCE (Z)
Table 3
Fig. 8 - Typical impedance as a function of frequency
Fig. 9 - Typical impedance as a function of frequency
T
amb (°C)
ESR
0 = capacitance at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
30
20
10
0.3
ESR
ESR
0
1
2
3
1
3
2
Curve 1: 6.3 V
Curve 2: 63 V
Curve 3: 100 V
T
amb (°C)
ESR
0 = capacitance at 20 °C, 100 Hz
2
1
0
ESR
ESR
0
10
10
2
10
3
10
4
1
2
3
1
3
2
IMPEDANCE VS. CAPACITANCE VALUES AT 10 kHz
Tamb
Z x CR ( x μF)
6.3 V
10 V
16 V
25 V
40 V
63 V
100 V
+20 °C
200
 160
120
90
70
 55
 45
-25 °C
1200
 750
560
 400
300
 180
 130
-40 °C
 3200
 2000
1500
1100
900
 500
 350
T
amb = 20 °C
10
4
10
3
10
2
10
1
10
-1
10
2
10
3
10
4
10
5
10
6
Z
(
Ω)
Curve 1: 10 µF, 25 V, 4.5 mm x 11 mm
Curve 2: 22 µF, 25 V, 4.5 mm x 11 mm
Curve 3: 47 µF, 25 V, 6 mm x 11 mm
Curve 4: 100 µF, 25 V, 6.5 mm x 11 mm
Curve 5: 220 µF, 10 V, 6.5 mm x 11 mm
1
3
4
5
2
T
amb = 20 °C
10
2
10
1
1
10
-1
10
-2
10
2
10
3
10
4
10
5
10
6
Z
(
Ω)
1
2
3
4
5
6
Curve 1: 22 µF, 63 V, 8 mm x 11 mm
Curve 2: 47 µF, 40 V, 8 mm x 11 mm
Curve 3: 150 µF, 25 V, 8 mm x 18 mm
Curve 4: 330 µF, 16 V, 10 mm x 18 mm
Curve 5: 470 µF, 16 V, 10 mm x 25 mm
Curve 6: 1000 µF, 6.3 V, 10 mm x 25 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com