Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

030AS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 030AS
Description  Aluminum Electrolytic Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

030AS Datasheet(HTML) 2 Page - Vishay Siliconix

  030AS Datasheet HTML 1Page - Vishay Siliconix 030AS Datasheet HTML 2Page - Vishay Siliconix 030AS Datasheet HTML 3Page - Vishay Siliconix 030AS Datasheet HTML 4Page - Vishay Siliconix 030AS Datasheet HTML 5Page - Vishay Siliconix 030AS Datasheet HTML 6Page - Vishay Siliconix 030AS Datasheet HTML 7Page - Vishay Siliconix 030AS Datasheet HTML 8Page - Vishay Siliconix 030AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
030/031 AS
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
2
Document Number: 28327
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Forms BA and BR
Fig. 3 - Forms BA and BR
Table 1
Note
• Detailed tape dimensions see section “PACKAGING”
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
6.3
10
16
25
40
63
100
1.0
-
-
-
-
-
4.5 x 10
4.5 x 10
2.2
-
-
-
-
-
4.5 x 10
4.5 x 10
3.3
-
-
-
-
-
4.5 x 10
4.5 x 10
4.7
-
-
-
-
-
4.5 x 10
6 x 10
6.8
-
-
-
-
-
4.5 x 10
6 x 10
10
-
-
-
4.5 x 10
4.5 x 10
6 x 10
8 x 11
---
---
6.5 x 18
15
-
-
-
-
4.5 x 10
6 x 10
-
22
-
-
-
4.5 x 10
6 x 10
8 x 11
8 x 18
-
-
-
-
-
6.5 x 18
-
33
-
-
4.5 x 10
-
6 x 10
-
10 x 18
47
-
4.5 x 10
-
6 x 10
8 x 11
8 x 18
10 x 25
---
-
6.5 x 18
--
68
4.5 x 10
-
6 x 10
-
-
10 x 18
-
100
-
6 x 10
-
8 x 11
8 x 18
10 x 25
-
---
6.5 x 18
---
150
6 x 10
-
8 x 11
8 x 18
10 x 18
-
-
--
6.5 x 18
----
220
-
8 x 11
8 x 18
10 x 18
10 x 25
-
-
-
6.5 x 18
-
-
-
-
-
330
-
8 x 18
10 x 18
10 x 25
-
-
-
470
8 x 18
10 x 18
10 x 25
-
-
-
-
680
10 x 18
10 x 25
-
-
-
-
-
1000
10 x 25
-
-
-
-
-
-
63.5 ± 1.5
Ø D
Ø d
L
F
+
Form BR: Taped on reel
Form BA: Taped in box (ammopack)
Case Ø D x L = 4.5 mm x 10 mm to 8 mm x 11 mm
73 ± 1.6
Ø D
Ø d
L
F
Form BR: Taped on reel
Case Ø D x L = 6.5 mm x 18 mm to 15 mm x 30 mm
Form BA: Taped in box (ammopack)
Case Ø D x L = 6.5 mm x 18 mm to 10 mm x 25 mm
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
CASE
CODE
AXIAL FORM BA AND BR
MASS
(g)
PACKAGING QUANTITIES
Ø d
Ø Dmax.
Lmax.
Fmin.
FORM BA
FORM BR
4.5 x 10
2
0.6
5.0
10.5
15
 0.5
1000
3000
6 x 10
3
0.6
6.3
10.5
15
 0.7
1000
1000
8 x 11
5a
0.6
8.5
11.5
15
 1.1
500
500
6.5 x 18
4
0.8
6.9
18.5
25
 1.3
1000
1000
8 x 18
5
0.8
8.5
18.5
25
 1.7
500
500
10 x 18
6
0.8
10.5
18.5
25
 2.5
500
500
10 x 25
7
0.8
10.5
25.0
30
 3.3
500
500



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com