Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

030AS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 030AS
Description  Aluminum Electrolytic Capacitors Axial Standard
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

030AS Datasheet(HTML) 3 Page - Vishay Siliconix

  030AS Datasheet HTML 1Page - Vishay Siliconix 030AS Datasheet HTML 2Page - Vishay Siliconix 030AS Datasheet HTML 3Page - Vishay Siliconix 030AS Datasheet HTML 4Page - Vishay Siliconix 030AS Datasheet HTML 5Page - Vishay Siliconix 030AS Datasheet HTML 6Page - Vishay Siliconix 030AS Datasheet HTML 7Page - Vishay Siliconix 030AS Datasheet HTML 8Page - Vishay Siliconix 030AS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
030/031 AS
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
3
Document Number: 28327
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 031 series
330 μF / 10 V; -10 % / +50 %
Nominal case size: Ø 8 mm x 18 mm; form BA
Ordering code: MAL203134331E3
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance -10 % to
+50 %
IR
Rated RMS ripple current at 100 Hz, 85 °C
IL1
Max. leakage current after 1 min at UR
IL5
Max. leakage current after 5 min at UR
tan
Max. dissipation factor at 100 Hz
ESR
Equivalent series resistance at 100 Hz
(calculated from tan
max. and CR)
Z
Max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
85 °C
(mA)
IL1
1 min
(μA)
IL5
5 min
(μA)
tan
100 Hz
ESR
100 Hz
(
)
Z
10 kHz
(
)
ORDERING CODE
MAL2..........
TAPED ON
REEL
FORM BR
TAPED IN BOX
FORM BA
6.3
68
4.5 x 10
2
75
22
5.9
0.25
5.86
2.90
03023689E3
03033689E3
150
6 x 10
3
120
10
6.9
0.25
2.66
1.30
03023151E3
03033151E3
470
8 x 18
5
330
22
11
0.25
0.85
0.43
03123471E3
03133471E3
680
10 x 18
6
430
30
14
0.25
0.59
0.29
03123681E3
03133681E3
1000
10 x 25
7
560
42
18
0.25
0.40
0.20
03123102E3
03133102E3
10
47
4.5 x 10
2
70
24
5.9
0.20
6.78
3.40
03024479E3
03034479E3
100
6 x 10
3
110
10
7.0
0.20
3.19
1.60
03024101E3
03034101E3
220
8 x 11
5a
210
18
9.4
0.20
1.45
0.73
03024221E3
03034221E3
220
6.5 x 18
4
210
18
9.4
0.20
1.45
0.73
03124221E3
03134221E3
330
8 x 18
5
310
24
12
0.20
0.97
0.48
03124331E3
03134331E3
470
10 x 18
6
410
33
14
0.20
0.68
0.34
03124471E3
03134471E3
680
10 x 25
7
510
45
19
0.20
0.47
0.24
03124681E3
03134681E3
16
33
4.5 x 10
2
65
27
6.1
0.16
7.72
3.60
03025339E3
03035339E3
68
6 x 10
3
110
11
7.2
0.16
3.75
1.80
03025689E3
03035689E3
150
8 x 11
5a
200
19
9.8
0.16
1.70
0.80
03025151E3
03035151E3
150
6.5 x 18
4
200
19
9.8
0.16
1.70
0.80
03125151E3
03135151E3
220
8 x 18
5
270
26
12
0.16
1.16
0.55
03125221E3
03135221E3
330
10 x 18
6
410
36
16
0.16
0.78
0.36
03125331E3
03135331E3
470
10 x 25
7
480
49
20
0.16
0.55
0.26
03125471E3
03135471E3
25
10
4.5 x 10
2
50
13
5.5
0.14
22.3
9.00
03026109E3
03036109E3
22
4.5 x 10
2
60
28
6.1
0.14
10.2
4.10
03026229E3
03036229E3
47
6 x 10
3
100
12
7.4
0.14
4.80
1.90
03026479E3
03036479E3
100
8 x 11
5a
160
19
10
0.14
2.23
0.90
03026101E3
03036101E3
100
6.5 x 18
4
160
19
10
0.14
2.23
0.90
03126101E3
03136101E3
150
8 x 18
5
240
27
13
0.14
1.49
0.60
03126151E3
03136151E3
220
10 x 18
6
350
37
16
0.14
1.02
0.41
03126221E3
03136221E3
330
10 x 25
7
460
54
22
0.14
0.68
0.27
03126331E3
03136331E3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com