Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DL080 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12DL080
Description  Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12DL080 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button ADC12DL080 Datasheet HTML 14Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 15Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 16Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 17Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 18Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 19Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 20Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 21Page - National Semiconductor (TI) ADC12DL080 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Functional Description
Operating on a single +3.3V supply, the ADC12DL080 uses
a pipeline architecture and has error correction circuitry to
help ensure maximum performance. The differential analog
input signal is digitized to 12 bits. The user has the choice of
using an internal 1.0 Volt or an external reference. Any
external reference is buffered on-chip to ease the task of
driving that pin.
The output word rate is the same as the clock frequency,
which can be between 10 MSPS and 80 MSPS (typical) with
fully specified performance at 80 MSPS. The analog input for
both channels is acquired at the rising edge of the clock and
the digital data for a given sample is delayed by the pipeline
for 7 clock cycles. Duty cycle stabilization and output data
format are selectable. The output data format can be set for
offset binary or two’s complement.
A logic high on the power down (PD) pin reduces the con-
verter power consumption to 50 mW.
Applications Information
1.0 OPERATING CONDITIONS
We recommend that the following conditions be observed for
operation of the ADC12DL080:
3.0V
≤ V
A
≤ 3.6V
V
D =VA
2.4V
≤ V
DR
≤ V
D
10 MHz
≤ f
CLK
≤ 80 MHz
0.8V
≤ V
REF
≤ 1.2V (for an external reference)
1.0V
≤ V
CM
≤ 2.0V
1.1 Analog Inputs
There is one reference input pin, V
REF, which is used to
select an internal reference, or to supply an external refer-
ence. The ADC12DL080 has two analog signal input pairs,
V
IN A+ and VIN A- for one converter and VIN B+ and VIN B-
for the other converter. Each pair of pins forms a differential
input pair.
1.2 Reference Pins
The ADC12DL080 is designed to operate with an internal
1.0V reference or an external 1.0V reference, but performs
well with external reference voltages in the range of 0.8V to
1.2V. Lower reference voltages will decrease the signal-to-
noise ratio (SNR) of the ADC12DL080. Increasing the refer-
ence voltage (and the input signal swing) beyond 1.2V may
degrade THD for a full-scale input, especially at higher input
frequencies.
It is important that all grounds associated with the reference
voltage and the analog input signal make connection to the
ground plane at a single, quiet point to minimize the effects
of noise currents in the ground path.
The six Reference Bypass Pins (V
RPA, VRMA, VRNA, VRPB,
V
RMB and VRNB) are made available for bypass purposes.
All these pins should each be bypassed to ground with a 0.1
µF capacitor. A 10 µF capacitor should be placed between
the V
RPA and VRNA pins and between the VRPB and VRNB
pins, as shown in Figure 4. This configuration is necessary to
avoid reference oscillation, which could result in reduced
SFDR and/or SNR.
Smaller capacitor values than those specified will allow
faster recovery from the power down mode, but may result in
degraded noise performance. Loading any of these pins
other than V
RMA and VRMB may result in performance deg-
radation.
The nominal voltages for the reference bypass pins are as
follows:
V
RM = 1.5 V
V
RP =VRM +VREF /2
V
RN =VRM −VREF /2
User choice of an on-chip or external reference voltage is
provided. The internal 1.0 Volt reference is in use when the
the V
REF pin is connected to VA. If a voltage in the range of
0.8V to 1.2V is applied to the V
REF pin, that is used for the
voltage reference. When an external reference is used, the
V
REF pin should be bypassed to ground with a 0.1 µF ca-
pacitor close to the reference input pin. There is no need to
bypass the V
REF pin when the internal reference is used.
1.3 Signal Inputs
The signal inputs are V
IN A+ and VINA− for one ADC and
V
INB+ and VINB− for the other ADC . The input signal, VIN,is
defined as
V
IN A= (VINA+) – (VINA−)
for the "A" converter and
V
IN B=(VINB+) – (VINB−)
for the "B" converter. Figure 2 shows the expected input
signal range. Note that the common mode input voltage,
V
CM, should be in the range of 1.0V to 2.0V.
The peaks of the individual input signals should never ex-
ceed 2.6V.
The ADC12DL080 performs best with a differential input
signal with each input centered around a common mode
voltage, V
CM. The peak-to-peak voltage swing at each ana-
log input pin should not exceed the value of the reference
voltage or the output data will be clipped.
The two input signals should be exactly 180˚ out of phase
from each other and of the same amplitude. For single
frequency inputs, angular errors result in a reduction of the
effective full scale input. For complex waveforms, however,
angular errors will result in distortion.
For single frequency sine waves the full scale error in LSB
can be described as approximately
E
FS =4096(1-sin (90˚ + dev))
Where dev is the angular difference in degrees between the
two signals having a 180˚ relative phase relationship to each
other (see Figure 3). Drive the analog inputs with a source
impedance less than 100
Ω.
20169411
FIGURE 2. Expected Input Signal Range
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com