Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT240D Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 74HCT240D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HCT240D Datasheet(HTML) 5 Page - Toshiba Semiconductor

  74HCT240D Datasheet HTML 1Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 2Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 3Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 4Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 5Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 6Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 7Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74HCT240D,74HCT244D
5
11.4. AC Characteristics (Unless otherwise specified, Ta = 25 �, Input: tr = tf = 6 ns)
Characteristics
Output transition time
Propagation delay time
Propagation delay time
3-state output enable time
3-state output disable time
Input capacitance
Output capacitance
Power dissipation
capacitance
Part Number
74HCT240D
74HCT244D
74HCT240D
74HCT244D
Symbol
tTLH,tTHL
tPLH,tPHL
tPLH,tPHL
tPZL,tPZH
tPLZ,tPHZ
CIN
COUT
CPD
CPD
Note
(Note 1)
Test
Condition
�
�
�
RL = 1 kΩ
RL = 1 kΩ
�
�
�
�
CL (pF)
50
50
150
50
150
50
150
50
VCC (V)
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
Min
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
Typ.
7
6
15
13
21
16
15
13
21
18
17
14
23
20
16
13
5
10
33
31
Max
12
11
22
20
30
27
25
22
33
29
30
27
38
34
30
27
10
�
�
�
Unit
ns
ns
ns
ns
ns
pF
pF
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation.
ICC(opr) = CPD × VCC × fIN + ICC/8 (per bit)
11.5. AC Characteristics
(Unless otherwise specified, Ta = -40 to 85 �, Input: tr = tf = 6 ns)
Characteristics
Output transition time
Propagation delay time
Propagation delay time
3-state output enable time
3-state output disable time
Input capacitance
Part Number
74HCT240D
74HCT244D
Symbol
tTLH,tTHL
tPLH,tPHL
tPLH,tPHL
tPZL,tPZH
tPLZ,tPHZ
CIN
Test
Condition
�
�
�
RL = 1 kΩ
RL = 1 kΩ
�
CL (pF)
50
50
150
50
150
50
150
50
VCC (V)
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
Min
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
Max
15
14
28
25
38
34
31
28
41
37
38
34
48
43
38
34
10
Unit
ns
ns
ns
ns
ns
pF
2020-11-17
Rev.3.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com