Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT240D Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # 74HCT240D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HCT240D Datasheet(HTML) 6 Page - Toshiba Semiconductor

  74HCT240D Datasheet HTML 1Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 2Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 3Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 4Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 5Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 6Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 7Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74HCT240D,74HCT244D
6
11.6. AC Characteristics (Note)
(Unless otherwise specified, Ta = -40 to 125 �, Input: tr = tf = 6 ns)
Characteristics
Output transition time
Propagation delay time
Propagation delay time
3-state output enable time
3-state output disable time
Input capacitance
Part Number
74HCT240D
74HCT244D
Symbol
tTLH,tTHL
tPLH,tPHL
tPLH,tPHL
tPZL,tPZH
tPLZ,tPHZ
CIN
Test
Condition
�
�
RL = 1 kΩ
RL = 1 kΩ
�
CL (pF)
50
50
150
50
150
50
150
50
VCC (V)
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
Min
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
Max
17
16
32
29
44
39
35
32
47
43
44
39
55
49
44
39
10
Unit
ns
ns
ns
ns
ns
pF
Note:
Operating Range spec of Topr = -40 � to 125 � is applicable only for the products which manufactured after
July 2020.
2020-11-17
Rev.3.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com