Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT240D Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 74HCT240D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HCT240D Datasheet(HTML) 1 Page - Toshiba Semiconductor

  74HCT240D Datasheet HTML 1Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 2Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 3Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 4Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 5Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 6Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 7Page - Toshiba Semiconductor 74HCT240D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74HCT240D,74HCT244D
1
CMOS Digital Integrated Circuits Silicon Monolithic
74HCT240D,74HCT244D
Start of commercial production
2020-07
1. Functional Description
•
Octal Bus Buffer
74HCT240D: INVERTED, 3-STATE OUTPUTS
74HCT244D: NON-INVERTED, 3-STATE OUTPUTS
2. General
The 74HCT240D, and 74HCT244D are high speed CMOS OCTAL BUS BUFFERs fabricated with silicon gate
C2MOS technology.
They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
Their inputs are compatible with TTL, NMOS, and CMOS output voltage levels. The 74HCT240D is an inverting
3-state buffer having two active-low output enables. The 74HCT244D is non-inverting 3-state buffer the HCT244A
has two active-low output enables.
These devices are designed to be used with 3-state memory address drivers, etc.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
3. Features
(1)
Wide operating temperature range: Topr = -40 to 125 � (Note 1)
(2)
High speed: tpd = 13 ns (typ.) at VCC = 5.5 V
(3)
Low power dissipation: ICC = 4.0 µA (max) at Ta = 25 �
(4)
Compatible with TTL outputs: VIL = 0.8 V(max)
VIH = 2.0 V(min)
(5)
Wide interfacing ability: LSTTL, NMOS, CMOS
(6)
Balanced propagation delays: tPLH
≈ tPHL
Note 1: Operating Range spec of Topr = -40 � to 125 � is applicable only for the products which manufactured after
July 2020.
4. Packaging
SOIC20
2020-11-17
Rev.3.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - 74HCT240D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT240D PHILIPS-74HCT240D Datasheet
44Kb / 7P
Octal buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74HCT240D NEXPERIA-74HCT240D Datasheet
261Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 6 - 2 September 2021
logo
NXP Semiconductors
74HCT240D NXP-74HCT240D Datasheet
197Kb / 17P
Octal buffer/line driver; 3-state; inverting
Rev. 4 - 25 February 2016
74HCT240D,652 NXP-74HCT240D,652 Datasheet
197Kb / 17P
Octal buffer/line driver; 3-state; inverting
Rev. 4 - 25 February 2016
logo
Nexperia B.V. All right...
74HCT240D-Q100 NEXPERIA-74HCT240D-Q100 Datasheet
256Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
More results

Similar Description - 74HCT240D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com