Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT240AFT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 74VHCT240AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHCT240AFT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  74VHCT240AFT Datasheet HTML 1Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 2Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 3Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 4Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 5Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74VHCT240AFT,74VHCT244AFT
4
9.
9.
9.
9. Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Characteristics
Supply voltage
Input voltage
Output voltage
Input diode current
Output diode current
Output current
VCC/ground current
Power dissipation
Storage temperature
Symbol
VCC
VIN
VOUT
IIK
IOK
IOUT
ICC
PD
Tstg
Note
(Note 1)
(Note 2)
(Note 3)
(Note 4)
Rating
-0.5 to 7.0
-0.5 to 7.0
-0.5 to 7.0
-0.5 to VCC + 0.5
-20
±20
±25
±75
180
-65 to 150
Unit
V
V
V
mA
mA
mA
mA
mW
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: Output in off-state.
Note 2: High (H) or Low (L) state. IOUT absolute maximum rating must be observed.
Note 3: VOUT < GND, VOUT > VCC
Note 4: 180 mW in the range of Ta = -40 to 85 . From Ta = 85 to 125  a derating factor of -3.25 mW/ shall be
applied until 50 mW.
10.
10.
10.
10. Operating Ranges (Note)
Operating Ranges (Note)
Operating Ranges (Note)
Operating Ranges (Note)
Characteristics
Supply voltage
Input voltage
Output voltage
Operating temperature
Input rise and fall times
Symbol
VCC
VIN
VOUT
Topr
dt/dv
Note
(Note 1)
(Note 2)
Rating
4.5 to 5.5
0 to 5.5
0 to 5.5
0 to VCC
-40 to 125
0 to 20
Unit
V
V
V
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 1: Output in OFF state.
Note 2: High (H) or Low (L) state.
2017-02-23
Rev.4.0
©2017 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com