Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT240AFT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 74VHCT240AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHCT240AFT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  74VHCT240AFT Datasheet HTML 1Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 2Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 3Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 4Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 5Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74VHCT240AFT,74VHCT244AFT
5
11.
11.
11.
11. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
11.1.
11.1.
11.1.
11.1. DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
3-state output OFF-state
leakage current
Input leakage current
Quiescent supply
current
Output leakage current
(Power-OFF)
Symbol
VIH
VIL
VOH
VOL
IOZ
IIN
ICC
ICCT
IOPD
Test Condition
VIN = VIH or VIL
VIN = VIH or VIL
VIN = VIH or VIL
VOUT = VCC or GND
VIN = 5.5 V or GND
VIN = VCC or GND
Per input :VIN = 3.4V
Other input:VCC or GND
VOUT = 5.5 V
IOH = -50 µA
IOH = -8 mA
IOL = 50 µA
IOL = 8 mA
VCC (V)
4.5 to 5.5
4.5 to 5.5
4.5
4.5
4.5
4.5
5.5
0 to 5.5
5.5
5.5
0
Min
2.0
4.4
3.94
Typ.
4.5
0.0
Max
0.8
0.1
0.36
±0.25
±0.1
4.0
1.35
0.5
Unit
V
V
V
V
µA
µA
µA
mA
µA
11.2.
11.2.
11.2.
11.2. DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, Taaaa = -40 to 85
= -40 to 85
= -40 to 85
= -40 to 85 
))))
Characteristics
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
3-state output OFF-state
leakage current
Input leakage current
Quiescent supply current
Quiescent supply current
Output leakage current
(Power-OFF)
Symbol
VIH
VIL
VOH
VOL
IOZ
IIN
ICC
ICCT
IOPD
Test Condition
VIN = VIH or VIL
VIN = VIH or VIL
VIN = VIH or VIL
VOUT = VCC or GND
VIN = 5.5 V or GND
VIN = VCC or GND
Per input: VIN = 3.4 V
Other input: VCC or GND
VOUT = 5.5 V
IOH = -50 µA
IOH = -8 mA
IOL = 50 µA
IOL = 8 mA
VCC (V)
4.5 to 5.5
4.5 to 5.5
4.5
4.5
4.5
4.5
5.5
0 to 5.5
5.5
5.5
0
Min
2.0
4.4
3.80
Max
0.8
0.1
0.44
±2.50
±1.0
40.0
1.50
5.0
Unit
V
V
V
V
µA
µA
µA
mA
µA
11.3.
11.3.
11.3.
11.3. DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, T
DC Characteristics (Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
))))
Characteristics
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
3-state output OFF-state
leakage current
Input leakage current
Quiescent supply current
Quiescent supply current
Output leakage current
(Power-OFF)
Symbol
VIH
VIL
VOH
VOL
IOZ
IIN
ICC
ICCT
IOPD
Test Condition
VIN = VIH or VIL
VIN = VIH or VIL
VIN = VIH or VIL
VOUT = VCC or GND
VIN = 5.5 V or GND
VIN = VCC or GND
Per input: VIN = 3.4 V
Other input: VCC or GND
VOUT = 5.5 V
IOH = -50 µA
IOH = -8 mA
IOL = 50 µA
IOL = 8 mA
VCC (V)
4.5 to 5.5
4.5 to 5.5
4.5
4.5
4.5
4.5
5.5
0 to 5.5
5.5
5.5
0
Min
2.0
4.4
3.70
Max
0.8
0.1
0.55
±10.0
±2.0
80.0
1.50
20.0
Unit
V
V
V
V
µA
µA
µA
mA
µA
2017-02-23
Rev.4.0
©2017 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com